Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY62L12916ML Datasheet(PDF) 10 Page - Lyontek Inc.

Part # LY62L12916ML
Description  128K X 16 BIT LOW POWER CMOS SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L12916ML Datasheet(HTML) 10 Page - Lyontek Inc.

Back Button LY62L12916ML Datasheet HTML 6Page - Lyontek Inc. LY62L12916ML Datasheet HTML 7Page - Lyontek Inc. LY62L12916ML Datasheet HTML 8Page - Lyontek Inc. LY62L12916ML Datasheet HTML 9Page - Lyontek Inc. LY62L12916ML Datasheet HTML 10Page - Lyontek Inc. LY62L12916ML Datasheet HTML 11Page - Lyontek Inc. LY62L12916ML Datasheet HTML 12Page - Lyontek Inc. LY62L12916ML Datasheet HTML 13Page - Lyontek Inc. LY62L12916ML Datasheet HTML 14Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
LY62L12916
Rev. 0.4
128K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
9
®
DATA RETENTION CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
VCC for Data Retention
VDR
CE#
V
CC - 0.2V or CE2 ≦ 0.2V
1.5
-
3.6
V
LL
-
0.5
5
µA
LLE/LLI
-
0.5
10
µA
25℃
-
0.5
3
µA
SL
SLE
SLI 40℃
-
0.5
3
µA
SL
-
0.5
5
µA
Data Retention Current
IDR
VCC = 1.5V
CE#
V
CC - 0.2V
or CE2 ≦ 0.2V
Others at 0.2V or VCC-0.2V
SLE/SLI
-
0.5
10
µA
Chip Disable to Data
Retention Time
tCDR
See Data Retention
Waveforms (below)
0
-
-
ns
Recovery Time
tR
tRC*
-
-
ns
tRC* = Read Cycle Time
DATA RETENTION WAVEFORM
Low Vcc Data Retention Waveform (1) (CE# controlled)
Vcc
CE#
VDR ≧ 1.5V
CE#
V
cc-0.2V
Vcc(min.)
VIH
tR
tCDR
VIH
Vcc(min.)
Low Vcc Data Retention Waveform (2) (CE2 controlled)
Vcc
CE2
VDR ≧ 1.5V
CE2 ≦ 0.2V
Vcc(min.)
VIL
tR
tCDR
VIL
Vcc(min.)
Low Vcc Data Retention Waveform (3) (LB#, UB# controlled)
Vcc
LB#,UB#
VDR ≧ 1.5V
LB#,UB#
V
cc-0.2V
Vcc(min.)
VIH
tR
tCDR
VIH
Vcc(min.)


Similar Part No. - LY62L12916ML

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L12916ML-45LL LYONTEK-LY62L12916ML-45LL Datasheet
467Kb / 17P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62L12916ML-45LLE LYONTEK-LY62L12916ML-45LLE Datasheet
467Kb / 17P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62L12916ML-45LLET LYONTEK-LY62L12916ML-45LLET Datasheet
467Kb / 17P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62L12916ML-45LLI LYONTEK-LY62L12916ML-45LLI Datasheet
467Kb / 17P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62L12916ML-45LLIT LYONTEK-LY62L12916ML-45LLIT Datasheet
467Kb / 17P
   128K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L12916ML

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_11 Datasheet
500Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_17 Datasheet
796Kb / 15P
   128K X 16 BIT LOW POWER CMOS SRAM
LY6212816 LYONTEK-LY6212816 Datasheet
177Kb / 14P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62L12916 LYONTEK-LY62L12916_13 Datasheet
467Kb / 17P
   128K X 16 BIT LOW POWER CMOS SRAM
LY6212816_1008 LYONTEK-LY6212816_1008 Datasheet
282Kb / 14P
   128K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L12816 ETC1-UT62L12816 Datasheet
206Kb / 12P
   128K x 16 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6212816 LYONTEK-LY6212816_16 Datasheet
655Kb / 16P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62L12916 LYONTEK-LY62L12916_17 Datasheet
954Kb / 17P
   128K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L12916 ETC-UT62L12916 Datasheet
234Kb / 8P
   128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com