Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY62L51216UV Datasheet(PDF) 4 Page - Lyontek Inc.

Part # LY62L51216UV
Description  512K X 16 BIT LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L51216UV Datasheet(HTML) 4 Page - Lyontek Inc.

  LY62L51216UV Datasheet HTML 1Page - Lyontek Inc. LY62L51216UV Datasheet HTML 2Page - Lyontek Inc. LY62L51216UV Datasheet HTML 3Page - Lyontek Inc. LY62L51216UV Datasheet HTML 4Page - Lyontek Inc. LY62L51216UV Datasheet HTML 5Page - Lyontek Inc. LY62L51216UV Datasheet HTML 6Page - Lyontek Inc. LY62L51216UV Datasheet HTML 7Page - Lyontek Inc. LY62L51216UV Datasheet HTML 8Page - Lyontek Inc. LY62L51216UV Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LY62L51216
Rev. 1.4
512K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
3
®
TRUTH TABLE
I/O OPERATION
MODE
CE#
OE#
WE# LB#
UB#
DQ0-DQ7
DQ8-DQ15
SUPPLY CURRENT
Standby
H
X
X
X
X
X
X
H
X
H
High – Z
High – Z
High – Z
High – Z
ISB,ISB1
Output Disable
L
L
H
H
H
H
L
X
X
L
High – Z
High – Z
High – Z
High – Z
ICC,ICC1
Read
L
L
L
L
L
L
H
H
H
L
H
L
H
L
L
DOUT
High – Z
DOUT
High – Z
DOUT
DOUT
ICC,ICC1
Write
L
L
L
X
X
X
L
L
L
L
H
L
H
L
L
DIN
High – Z
DIN
High – Z
DIN
DIN
ICC,ICC1
Note:
H = VIH, L = VIL, X = Don't care.
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
*4
MAX.
UNIT
Supply Voltage
VCC
2.7
3.0
3.6
V
Input High Voltage
VIH
*1
2.2
-
VCC+0.3
V
Input Low Voltage
VIL
*2
- 0.2
-
0.6
V
Input Leakage Current
ILI
VCC ≧ VIN ≧ VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC ≧ VOUT ≧ VSS,
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH = -1mA
2.2
2.7
-
V
Output Low Voltage
VOL
IOL = 2mA
-
-
0.4
V
- 55
-
30
40
mA
ICC
Cycle time = Min.
CE# = VIL ,
II/O = 0mA
Other pins at VIL or VIH
- 70
-
20
30
mA
Average Operating
Power supply Current
ICC1
Cycle time = 1µs
CE# = 0.2V , II/O = 0mA
Other pins at 0.2V or VCC - 0.2V
-
4
8
mA
ISB
CE# = VIH, other pins at VIL or VIH
-
0.15
1
mA
LL
-
5
30
µA
LLE
-
5
40
µA
LLI
-
5
50
µA
25℃
-
1.5
5
µA
SL
*5
SLE
*5
SLI
*5
40℃
-
1.5
5
µA
SL
-
1.5
15
µA
SLE
-
1.5
15
µA
Standby Power
Supply Current
ISB1
CE#
V
CC - 0.2V
Others at 0.2V or
VCC - 0.2V
SLI
-
1.5
20
µA
Notes:
1. VIH(max) = VCC + 3.0V for pulse width less than 10ns.
2. VIL(min) = VSS - 3.0V for pulse width less than 10ns.
3. Over/Undershoot specifications are characterized, not 100% tested.
4. Typical values are included for reference only and are not guaranteed or tested.
Typical values are measured at VCC = VCC(TYP.) and TA = 25℃
5. This parameter is measured at VCC = 3.0V


Similar Part No. - LY62L51216UV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L51216GL-55LL LYONTEK-LY62L51216GL-55LL Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216GL-55LLI LYONTEK-LY62L51216GL-55LLI Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216GL-55LLIT LYONTEK-LY62L51216GL-55LLIT Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216GL-55LLT LYONTEK-LY62L51216GL-55LLT Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216GL-55SL LYONTEK-LY62L51216GL-55SL Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L51216UV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6251216 LYONTEK-LY6251216 Datasheet
190Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_11 Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51316 LYONTEK-LY62W51316_13 Datasheet
376Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_16 Datasheet
798Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_16 Datasheet
360Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251316 LYONTEK-LY6251316_16 Datasheet
333Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51216 LYONTEK-LY62W51216_11 Datasheet
465Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_13 Datasheet
330Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_11 Datasheet
464Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_16 Datasheet
350Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com