Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BO12864E1 Datasheet(PDF) 1 Page - Bolymin, Inc

Part # BO12864E1
Description  COG package Built-in controller ST7565
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BO12864E1 Datasheet(HTML) 1 Page - Bolymin, Inc

  BO12864E1 Datasheet HTML 1Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BO12864E1
Feature
Mechanical Data
Item
Module Dimension
Viewing Area
Dot Size
Dot Pitch
Standard Value Unit
mm
mm
mm
mm
80.0 x 54.0
70.7 x 38.8
0.48 x 0.48
0.52 x 0.52
Dimension
BO LYM IN
1. COG package
2. Built-in controller ST7565
3. 1/64 duty cycle
4. +3.3V single power supply
5. On chip LCD booster
Input Voltage
Supply Current
LCD Driving
Voltage
Vdd
Idd
Vdd-V5
Vdd = +3.3V
Vdd = +3.3V
25 C
3.3
0.5
9.0
V
mA
V
Typical
Value
Electronic Characteristics
o
Item
Symbol Condition
Unit
Pin Assignment
6. Option: LED Edge
LCD DOTS
SCALE 10/1
0.48
0.04
R0.5
4.9
6.5
9.7±0.5
A
K
B
Ø0.6
1.0
1.6
SCALE 3/1
DETAIL B
66.52(AA)
70.7(VA)
76.1(LCD)
80.0±0.5
40.0
17.0
P1.0 W=0.6
1.0
18
1
128 * 64 Dots
0.3
Conduct side
VIEWING DIRECTION
Pin
Symbol
Function
1
2
3
4
5
6
Power supply(GND)
Power supply(+3.3V)
Reset signal
Chip select
VSS
VDD
VO
/RES
/CS
RS
/WR
8
/RD
80:write signal 68:R/W signal
9~16
DB0~DB7
Contrast Adjustment
80:read signal 68:enable signal
Data bus
Command/Data
7
17
A
Power supply for B/L+
18
K
Power supply for B/L-


Similar Part No. - BO12864E1

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BO12864E1 BOLYMIN-BO12864E1_17 Datasheet
539Kb / 1P
   COG package
More results

Similar Description - BO12864E1

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BO12864E2 BOLYMIN-BO12864E2 Datasheet
232Kb / 1P
   COG package Built-in controller ST7565
BO12864H BOLYMIN-BO12864H Datasheet
246Kb / 1P
   COG package Built-in controller ST7565
BO12864E BOLYMIN-BO12864E Datasheet
99Kb / 1P
   Built-in controller ST7565 COG package
BO12864I BOLYMIN-BO12864I Datasheet
291Kb / 1P
   COG package Built-in controller ST7565
BO128128C BOLYMIN-BO128128C Datasheet
146Kb / 1P
   COG package Built-in controller ST7528
BO12864D BOLYMIN-BO12864D Datasheet
89Kb / 1P
   Built-in controller SED1815 COG package
BO12864D1 BOLYMIN-BO12864D1 Datasheet
223Kb / 1P
   COG package Built-in controller ST7541
BO128128B BOLYMIN-BO128128B Datasheet
310Kb / 1P
   COG package Built-in controller ST7541i
BO9649A BOLYMIN-BO9649A Datasheet
281Kb / 1P
   COG package Built-in controller S1D15606D00B
BO12864G BOLYMIN-BO12864G Datasheet
224Kb / 1P
   COG package Built-in controller ST7588T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com