Electronic Components Datasheet Search
Selected language     English  ▼


LM335 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM335
Description  Precision Temperature Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 2 page
background image
Absolute Maximum Ratings (Note 4)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Reverse Current
15 mA
Forward Current
10 mA
Storage Temperature
8-Pin SOIC Package
−65°C to 150°C
TO-92 Package
−60°C to 150°C
TO-46 Package
−60°C to 180°C
Specified Operating Temp. Range
Continuous
Intermittent
(Note 2)
LM135, LM135A −55°C to 150°C
150°C to 200°C
LM235, LM235A −40°C to 125°C
125°C to 150°C
LM335, LM335A −40°C to 100°C
100°C to 125°C
Lead Temp. (Soldering, 10 seconds)
8-Pin SOIC Package:
300°C
Vapor Phase (60 seconds):
215°C
Infrared (15 seconds):
220°C
TO-92 Package:
260°C
TO-46 Package:
300°C
Temperature Accuracy (Note 1)
LM135/LM235, LM135A/LM235A
Parameter
Conditions
LM135A/LM235A
LM135/LM235
Units
Min
Typ
Max
Min
Typ
Max
Operating Output Voltage
T
C = 25°C, IR = 1 mA
2.97
2.98
2.99
2.95
2.98
3.01
V
Uncalibrated Temperature Error
T
C = 25°C, IR = 1 mA
0.5
1
1
3
°C
Uncalibrated Temperature Error
T
MIN TC TMAX, IR = 1 mA
1.3
2.7
2
5
°C
Temperature Error with 25°C
T
MIN TC TMAX, IR = 1 mA
0.3
1
0.5
1.5
°C
Calibration
Calibrated Error at Extended
T
C = TMAX (Intermittent)
2
2
°C
Temperatures
Non-Linearity
I
R = 1 mA
0.3
0.5
0.3
1
°C
Temperature Accuracy (Note 1)
LM335, LM335A
Parameter
Conditions
LM335A
LM335
Units
Min
Typ
Max
Min
Typ
Max
Operating Output Voltage
T
C = 25°C, IR = 1 mA
2.95
2.98
3.01
2.92
2.98
3.04
V
Uncalibrated Temperature Error
T
C = 25°C, IR = 1 mA
1
3
2
6
°C
Uncalibrated Temperature Error
T
MIN TC TMAX, IR = 1 mA
2
5
4
9
°C
Temperature Error with 25°C
T
MIN TC TMAX, IR = 1 mA
0.5
1
1
2
°C
Calibration
Calibrated Error at Extended
T
C = TMAX (Intermittent)
2
2
°C
Temperatures
Non-Linearity
I
R = 1 mA
0.3
1.5
0.3
1.5
°C
Electrical Characteristics (Note 1)
LM135/LM235
LM335
Parameter
Conditions
LM135A/LM235A
LM335A
Units
Min
Typ
Max
Min
Typ
Max
Operating Output Voltage
400 μA
I
R 5 mA
2.5
10
3
14
mV
Change with Current
At Constant Temperature
Dynamic Impedance
I
R = 1 mA
0.5
0.6
Ω
Output Voltage Temperature
+10
+10
mV/°C
Coefficient
Time Constant
Still Air
80
80
sec
100 ft/Min Air
10
10
sec
Stirred Oil
1
1
sec
Time Stability
T
C = 125°C
0.2
0.2
°C/khr
www.national.com
2




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl