Electronic Components Datasheet Search
Selected language     English  ▼


LM335 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM335
Description  Precision Temperature Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 3 page
background image
Note 1:
Accuracy measurements are made in a well-stirred oil bath. For other conditions, self heating must be considered.
Note 2:
Continuous operation at these temperatures for 10,000 hours for H package and 5,000 hours for Z package may decrease life expectancy of the device.
Thermal Resistance
8-Pin SOIC
TO-92
TO-46
 θ
JA (Junction to Ambient)
165°C/W
202°C/W
400°C/W
 θ
JC (Junction to Case)
N/A
170°C/W
N/A
Note 4:
Refer to RETS135H for military specifications.
Connection Diagrams
8-Pin SOIC
Surface Mount Package
569825
Top View
TO-92
Plastic Package
569808
Bottom View
TO-46
Metal Can Package*
569826
*Case is connected to negative pin
Bottom View
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
8-Pin SOIC
LM335AM
LM335AM
95 Units/Rail
M08A
LM335AMX
2.5k Units Tape and Reel
LM335M
LM335M
95 Units/Rail
LM335MX
2.5k Units Tape and Reel
TO-92
LM335AZ
LM335AZ
1800 Bag
Z03Z
LM335Z
LM335Z
1800 Bag
TO-46
LM135AH
LM135AH
1000 Bag
H03H
LM135H
LM135H
1000 Bag
LM235AH
LM235AH
1000 Bag
LM235H
LM235H
1000 Bag
LM335AH
LM335AH
1000 Bag
LM335H
LM335H
1000 Bag
3
www.national.com




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl