Electronic Components Datasheet Search
Selected language     English  ▼


LM335 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM335
Description  Precision Temperature Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 9 page
background image
Fahrenheit Thermometer
569824
*To calibrate adjust R2 for 2.554V across LM336.
Adjust R1 for correct output.
THERMOCOUPLE COLD JUNCTION COMPENSATION
Compensation for Grounded Thermocouple
569806
*Select R3 for proper thermocouple type
THERMO-
R3
SEEBECK
COUPLE
(±1%)
COEFFICIENT
J
377Ω
52.3 μV/°C
T
308Ω
42.8 μV/°C
K
293Ω
40.8 μV/°C
S
45.8Ω
6.4 μV/°C
Adjustments:
Compensates for both sensor and resistor tolerances
1. Short LM329B
2. Adjust R1 for Seebeck Coefficient times ambient temperature (in degrees K) across R3.
3. Short LM335 and adjust R2 for voltage across R3 corresponding to thermocouple type.
J
14.32 mV
K
11.17 mV
T
11.79 mV
S
1.768 mV
9
www.national.com




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl