Electronic Components Datasheet Search
Selected language     English  ▼


LM335 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM335
Description  Precision Temperature Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 1 page
background image
December 17, 2008
LM135/LM235/LM335, LM135A/LM235A/LM335A
Precision Temperature Sensors
General Description
The LM135 series are precision, easily-calibrated, integrated
circuit temperature sensors. Operating as a 2-terminal zener,
the LM135 has a breakdown voltage directly proportional to
absolute temperature at +10 mV/°K. With less than 1
Ω dy-
namic impedance the device operates over a current range
of 400
μA to 5 mA with virtually no change in performance.
When calibrated at 25°C the LM135 has typically less than 1°
C error over a 100°C temperature range. Unlike other sensors
the LM135 has a linear output.
Applications for the LM135 include almost any type of tem-
perature sensing over a −55°C to 150°C temperature range.
The low impedance and linear output make interfacing to
readout or control circuitry especially easy.
The LM135 operates over a −55°C to 150°C temperature
range while the LM235 operates over a −40°C to 125°C tem-
perature range. The LM335 operates from −40°C to 100°C.
The LM135/LM235/LM335 are available packaged in hermet-
ic TO-46 transistor packages while the LM335 is also avail-
able in plastic TO-92 packages.
Features
Directly calibrated in °Kelvin
1°C initial accuracy available
Operates from 400 μA to 5 mA
Less than 1Ω dynamic impedance
Easily calibrated
Wide operating temperature range
200°C overrange
Low cost
Schematic Diagram
569801
© 2008 National Semiconductor Corporation
5698
www.national.com




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl