Electronic Components Datasheet Search
Selected language     English  ▼


LM335 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM335
Description  Precision Temperature Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 10 page
background image
Single Power Supply Cold Junction Compensation
569811
*Select R3 and R4 for thermocouple type
THERMO-
R3
R4
SEEBECK
COUPLE
COEFFICIENT
J
1.05K
385Ω
52.3 μV/°C
T
856Ω
315Ω
42.8 μV/°C
K
816Ω
300Ω
40.8 μV/°C
S
128Ω
46.3Ω
6.4 μV/°C
Adjustments:
1. Adjust R1 for the voltage across R3 equal to the Seebeck Coefficient times ambient temperature in degrees Kelvin.
2. Adjust R2 for voltage across R4 corresponding to thermocouple.
J
14.32 mV
T
11.79 mV
K
11.17 mV
S
1.768 mV
www.national.com
10




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl