Electronic Components Datasheet Search
Selected language     English  ▼


LM335 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM335
Description  Precision Temperature Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 11 page
background image
Centigrade Calibrated Thermocouple Thermometer
569812
Terminate thermocouple reference junction in close proximity to LM335.
Adjustments:
1. Apply signal in place of thermocouple and adjust R3 for a gain of 245.7.
2. Short non-inverting input of LM308A and output of LM329B to ground.
3. Adjust R1 so that V
OUT = 2.982V @ 25°C.
4. Remove short across LM329B and adjust R2 so that V
OUT = 246 mV @ 25°C.
5. Remove short across thermocouple.
Fast Charger for Nickel-Cadmium Batteries
569813
†Adjust D1 to 50 mV greater V
Z than D2.
Charge terminates on 5°C temperature rise. Couple D2 to battery.
Differential Temperature Sensor
569807
11
www.national.com




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl