Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3788EUH Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3788EUH
Description  2-Phase, Dual Output Synchronous Boost Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3788EUH Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3788EUH Datasheet HTML 5Page - Linear Technology LTC3788EUH Datasheet HTML 6Page - Linear Technology LTC3788EUH Datasheet HTML 7Page - Linear Technology LTC3788EUH Datasheet HTML 8Page - Linear Technology LTC3788EUH Datasheet HTML 9Page - Linear Technology LTC3788EUH Datasheet HTML 10Page - Linear Technology LTC3788EUH Datasheet HTML 11Page - Linear Technology LTC3788EUH Datasheet HTML 12Page - Linear Technology LTC3788EUH Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC3788
9
3788f
TYPICAL PERFORMANCE CHARACTERISTICS
PIN FUNCTIONS
SENSE1, SENSE2(Pin 1, Pin 9): Negative Current Sense
Comparator Input. The (–) input to the current comparator
is normally connected to the negative terminal of a cur-
rent sense resistor connected in series with the inductor.
The common mode voltage range on these pins is 2.5V
to 38V (abs max).
FREQ (Pin 2): The frequency control pin for the internal
VCO. Connecting the pin to GND forces the VCO to a fixed
low frequency of 350kHz. Connecting the pin to INTVCC
forces the VCO to a fixed high frequency of 535kHz. The
frequency can be programmed from 50kHz to 900kHz
by connecting a resistor from the FREQ pin to GND. The
resistor and an internal 20μA source current create a volt-
age used by the internal oscillator to set the frequency.
Alternatively, this pin can be driven with a DC voltage to
vary the frequency of the internal oscillator.
PHASMD (Pin 3): This pin can be floated, tied to SGND, or
tied to INTVCC to program the phase relationship between
the rising edges of BG1 and BG2, as well as the phase
relationship between BG1 and CLKOUT.
CLKOUT (Pin 4): A Digital Output Used for Daisychaining
Multiple LTC3788 ICs in Multiphase Systems. The PHASMD
pin voltage controls the relationship between BG1, BG2 and
CLKOUT. This pin swings between SGND and INTVCC.
PLLIN/MODE (Pin 5): Forced Continuous Mode, Burst
Mode or Pulse-Skipping Mode Selection Pin and External
Synchronization Input to Phase Detector Pin. Pulling this
pin to ground selects Burst Mode operation. Tying this pin
to INTVCC forces continuous inductor current operation.
Tying this pin to a voltage greater than 1.2V and less than
INTVCC –1.3V selects pulse-skipping operation. A clock
on the pin will force the controller into pulse-skipping
mode of operation and synchronize the internal oscillator.
SGND (Pin 6): Signal Ground. All small-signal components
and compensation components should connect to this
ground, which in turn connects to PGND at a single point.
RUN1, RUN2 (Pin 7, Pin 8): Run Control Input. An external
resistor divider connects to VIN and sets the thresholds for
converter operation with a threshold of 1.28V. Once running,
a 4.5μA current is sourced from the RUN pin allowing the
user to program hysteresis using the resistor values.
Maximum Current Sense
Threshold vs Duty Cycle
Charge Pump Charging Current
vs Operating Frequency
DUTY CYCLE (%)
0
80
100
70
60
40
20
40
10
90
30
50
80
60
100
20
0
120
3788 G25
ILIM = INTVCC
ILIM = FLOAT
ILIM = GND
OPERATING FREQUENCY (kHz)
50
0
20
30
80
50
250
450
550
10
60
70
40
150
350
650
750
3788 G26
T = 130°C
T = 25°C
T = – 45°C
VSW = 12V
VBOOST – VSW = 4.5V


Similar Part No. - LTC3788EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3788EUHPBF LINER-LTC3788EUHPBF Datasheet
372Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788EUHTRPBF LINER-LTC3788EUHTRPBF Datasheet
372Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
More results

Similar Description - LTC3788EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3788-1 LINER-LTC3788-1 Datasheet
415Kb / 28P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_1 Datasheet
366Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_15 Datasheet
411Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_1 Datasheet
372Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_15 Datasheet
387Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
logo
Analog Devices
LTC7840 AD-LTC7840 Datasheet
1Mb / 38P
   2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
Rev 0
logo
Linear Technology
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com