Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3854IDDBPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3854IDDBPBF
Description  Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3854IDDBPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3854IDDBPBF Datasheet HTML 1Page - Linear Technology LTC3854IDDBPBF Datasheet HTML 2Page - Linear Technology LTC3854IDDBPBF Datasheet HTML 3Page - Linear Technology LTC3854IDDBPBF Datasheet HTML 4Page - Linear Technology LTC3854IDDBPBF Datasheet HTML 5Page - Linear Technology LTC3854IDDBPBF Datasheet HTML 6Page - Linear Technology LTC3854IDDBPBF Datasheet HTML 7Page - Linear Technology LTC3854IDDBPBF Datasheet HTML 8Page - Linear Technology LTC3854IDDBPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC3854

3854fa
elecTrical characTerisTics
Efficiency vs Output Current
Efficiency vs Input Voltage
5A Load Step VOUT = 5V, VIN = 24V
Top Gate and Bottom Gate in
Forced Continuous Mode
Top Gate and Bottom Gate in
Dropout
LOAD CURRENT (A)
1
100
90
92
94
96
98
88
86
5
3
7
8
9
3854 G01
10
4
2
6
VIN = 12V
VIN = 24V
VIN = 32V
VIN = 6V
(SEE FIGURE 9)
VOUT = 5V
VIN (V)
5
99
96
94
97
98
95
93
25
15
35
3854 G02
40
20
10
30
VOUT = 5V
(SEE FIGURE 9)
IOUT = 10A
IOUT = 5A
5VOUT
200mV/DIV
5A/DIV
LOAD STEP
ILOAD
10A/DIV
50µs/DIV
3854 G03
BG
TG
4µs/DIV
3854 G04
BG
TG
4µs/DIV
3854 G05
Typical perForMance characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3854E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3854I is guaranteed to meet
performance specifications over the full –40°C to 85°C operating
temperature range.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC3854DDB: TJ = TA + (PD • 76°C/W)
LTC3854MSE: TJ = TA + (PD • 40°C/W)
Note 4: The LTC3854 is tested in a feedback loop that servos VITH to a
specified voltage and measures the resultant VFB.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 6: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels. Not 100% tested in production.
Note 7: The minimum on-time condition is specified for an inductor peak-
to-peak ripple current 40% of IMAX (see Minimum On-Time Considerations
in the Applications Information section).
Note 8: The LTC3854 maximum LDO current specification assumes there
is no external DC load current being pulled from INTVCC pin.


Similar Part No. - LTC3854IDDBPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3854 LINER-LTC3854 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3854 LINER-LTC3854 Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC3854IDDBPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1851 AD-ADP1851 Datasheet
1Mb / 24P
   Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
REV. B
logo
Linear Technology
LTC7812EUH LINER-LTC7812EUH Datasheet
429Kb / 14P
   Wide VIN, Step-Up Step-Down DC/DC Converter
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Texas Instruments
TPS43061-312168 TI1-TPS43061-312168 Datasheet
1Mb / 38P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI-TPS43060 Datasheet
1Mb / 32P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI-TPS43060_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS4306x Low Quiescent Current Synchronous Boost DC-DC Controller With Wide VIN Range
logo
Linear Technology
LTC3878 LINER-LTC3878_15 Datasheet
408Kb / 26P
   Fast, Wide Operating Range No RSENSE Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com