Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3990IMS Datasheet(PDF) 5 Page - Linear Technology

Part # LT3990IMS
Description  60V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3990IMS Datasheet(HTML) 5 Page - Linear Technology

  LT3990IMS Datasheet HTML 1Page - Linear Technology LT3990IMS Datasheet HTML 2Page - Linear Technology LT3990IMS Datasheet HTML 3Page - Linear Technology LT3990IMS Datasheet HTML 4Page - Linear Technology LT3990IMS Datasheet HTML 5Page - Linear Technology LT3990IMS Datasheet HTML 6Page - Linear Technology LT3990IMS Datasheet HTML 7Page - Linear Technology LT3990IMS Datasheet HTML 8Page - Linear Technology LT3990IMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3990
5
3990p
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum
Switch On-Time/Switch Off-Time
Switch VCESAT (ISW = 200mA)
vs Temperature
Switch VCESAT
BOOST Pin Current
Minimum Input Voltage,
VOUT = 3.3V
Minimum Input Voltage,
VOUT = 5V
Switch Current Limit
Switch Current Limit
Switching Frequency
TA = 25°C, unless otherwise noted.
DUTY CYCLE (%)
0
200
300
400
500
600
700
800
20
40
60
80
3990 G10
100
SWITCH PEAK
CURRENT LIMIT
CATCH DIODE VALLEY CURRENT LIMIT
TEMPERATURE ( C)
–50
200
300
400
500
600
050
100
150
3990 G11
700
800
–25
25
75
125
SWITCH PEAK CURRENT LIMIT
CATCH DIODE VALLEY CURRENT LIMIT
TEMPERATURE (°C)
–50
0
0.4
0.8
1.2
1.6
2.4
–25
025
50
75
3990 G12
100 125 150
2.0
0.2
0.6
1.0
1.4
2.2
1.8
TEMPERATURE (°C)
–50
0
20
60
80
100
200
140
0
50
75
3990 G13
40
160
180
120
–25
25
100 125
150
MINIMUM OFF-TIME
LOAD CURRENT = 175mA
MINIMUM ON-TIME
TEMPERATURE (°C)
–50
200
250
300
350
–25
0
25
50
3990 G14
75
100 125 150
SWITCH CURRENT (mA)
0
300
400
500
400
3990 G15
200
100
0
100
200
300
500
SWITCH CURRENT (mA)
0
10
12
14
400
3990 G16
8
6
100
200
300
500
4
2
0
LOAD CURRENT (mA)
050
2.5
3.5
5.0
100
200
250
3990 G17
3.0
4.5
4.0
150
300
350
FRONT PAGE APPLICATION
VOUT = 3.3V
TO START
TO RUN
LOAD CURRENT (mA)
050
4.0
5.0
6.5
100
200
250
3990 G17
4.5
6.0
5.5
150
300
350
FRONT PAGE APPLICATION
VOUT = 5V
TO START
TO RUN


Similar Part No. - LT3990IMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3990 LINER-LT3990 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3990 LINER-LT3990 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT3990 LINER-LT3990 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
LT3990 LINER-LT3990 Datasheet
269Kb / 26P
   High Efficiency, 65V 500mA Synchronous
LT3990 LINER-LT3990 Datasheet
293Kb / 24P
   42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
More results

Similar Description - LT3990IMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3970 LINER-LT3970 Datasheet
253Kb / 22P
   40V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
LTC8606 LINER-LTC8606 Datasheet
1Mb / 24P
   42V, 350mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT3990-5 LINER-LT3990-5_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3990-3.3 LINER-LT3990-3.3_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3970 LINER-LT3970_15 Datasheet
327Kb / 22P
   40V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3990 LINER-LT3990_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3973 LINER-LT3973 Datasheet
113Kb / 6P
   42V, 750mA Step-Down Regulator with 2.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
logo
Analog Devices
LT8607 AD-LT8607 Datasheet
2Mb / 24P
   42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com