Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY611024LLI Datasheet(PDF) 5 Page - Lyontek Inc.

Part # LY611024LLI
Description  128K X 8 BIT HIGH SPEED CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY611024LLI Datasheet(HTML) 5 Page - Lyontek Inc.

  LY611024LLI Datasheet HTML 1Page - Lyontek Inc. LY611024LLI Datasheet HTML 2Page - Lyontek Inc. LY611024LLI Datasheet HTML 3Page - Lyontek Inc. LY611024LLI Datasheet HTML 4Page - Lyontek Inc. LY611024LLI Datasheet HTML 5Page - Lyontek Inc. LY611024LLI Datasheet HTML 6Page - Lyontek Inc. LY611024LLI Datasheet HTML 7Page - Lyontek Inc. LY611024LLI Datasheet HTML 8Page - Lyontek Inc. LY611024LLI Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LY611024
Rev. 1.4
128K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
4
®
AC ELECTRICAL CHARACTERISTICS
(1) READ CYCLE
LY611024-12
LY611024-15
PARAMETER
SYM.
MIN.
MAX.
MIN.
MAX.
UNIT
Read Cycle Time
tRC
12
-
15
-
ns
Address Access Time
tAA
-
12
-
15
ns
Chip Enable Access Time
tACE
-
12
-
15
ns
Output Enable Access Time
tOE
-
6
-
7
ns
Chip Enable to Output in Low-Z
tCLZ*
3
-
4
-
ns
Output Enable to Output in Low-Z
tOLZ*
0
-
0
-
ns
Chip Disable to Output in High-Z
tCHZ*
-
6
-
7
ns
Output Disable to Output in High-Z
tOHZ*
-
6
-
7
ns
Output Hold from Address Change
tOH
3
-
3
-
ns
(2) WRITE CYCLE
LY611024-12
LY611024-15
PARAMETER
SYM.
MIN.
MAX.
MIN.
MAX.
UNIT
Write Cycle Time
tWC
12
-
15
-
ns
Address Valid to End of Write
tAW
10
-
12
-
ns
Chip Enable to End of Write
tCW
10
-
12
-
ns
Address Set-up Time
tAS
0
-
0
-
ns
Write Pulse Width
tWP
9
-
10
-
ns
Write Recovery Time
tWR
0
-
0
-
ns
Data to Write Time Overlap
tDW
7
-
8
-
ns
Data Hold from End of Write Time
tDH
0
-
0
-
ns
Output Active from End of Write
tOW*
3
-
4
-
ns
Write to Output in High-Z
tWHZ*
-
7
-
8
ns
*These parameters are guaranteed by device characterization, but not production tested.


Similar Part No. - LY611024LLI

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY611024LL-12LL LYONTEK-LY611024LL-12LL Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024LL-12LLE LYONTEK-LY611024LL-12LLE Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024LL-12LLET LYONTEK-LY611024LL-12LLET Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024LL-12LLI LYONTEK-LY611024LL-12LLI Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024LL-12LLIT LYONTEK-LY611024LL-12LLIT Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY611024LLI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY651024 LYONTEK-LY651024_12 Datasheet
452Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A6173081 AMICC-A6173081 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288 Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com