Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY621024SLE Datasheet(PDF) 10 Page - Lyontek Inc.

Part # LY621024SLE
Description  128K X 8 BIT LOW POWER CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY621024SLE Datasheet(HTML) 10 Page - Lyontek Inc.

Back Button LY621024SLE Datasheet HTML 6Page - Lyontek Inc. LY621024SLE Datasheet HTML 7Page - Lyontek Inc. LY621024SLE Datasheet HTML 8Page - Lyontek Inc. LY621024SLE Datasheet HTML 9Page - Lyontek Inc. LY621024SLE Datasheet HTML 10Page - Lyontek Inc. LY621024SLE Datasheet HTML 11Page - Lyontek Inc. LY621024SLE Datasheet HTML 12Page - Lyontek Inc. LY621024SLE Datasheet HTML 13Page - Lyontek Inc. LY621024SLE Datasheet HTML 14Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LY621024
Rev. 1.5
128K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
9
®
PACKAGE OUTLINE DIMENSION
32 pin 450 mil SOP Package Outline Dimension
UNIT
SYM.
INCH.(BASE)
MM(REF)
A
0.118 (MAX)
2.997 (MAX)
A1
0.004(MIN)
0.102(MIN)
A2
0.111(MAX)
2.82(MAX)
b
0.016 +0.004
-0.002
0.406 +0.102
-0.051
c
0.008(TYP)
0.203(TYP)
D
0.817(MAX)
20.75(MAX)
E
0.445 ±0.005
11.303 ±0.127
E1
0.555 ±0.012
14.097 ±0.305
e
0.050(TYP)
1.270(TYP)
L
0.0347 ±0.008 0.881 ±0.203
L1
0.055 ±0.008
1.397 ±0.203
S
0.026(MAX)
0.660 (MAX)
y
0.004(MAX)
0.101(MAX)
Θ
0
o -10o
0
o -10o


Similar Part No. - LY621024SLE

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY621024SL-35LL LYONTEK-LY621024SL-35LL Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY621024SL-35LLE LYONTEK-LY621024SL-35LLE Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY621024SL-35LLET LYONTEK-LY621024SL-35LLET Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY621024SL-35LLI LYONTEK-LY621024SL-35LLI Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY621024SL-35LLIT LYONTEK-LY621024SL-35LLIT Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY621024SLE

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W1024 LYONTEK-LY62W1024 Datasheet
236Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024_16 Datasheet
812Kb / 18P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT621024 ETC-UT621024 Datasheet
205Kb / 12P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY621024 LYONTEK-LY621024_16 Datasheet
908Kb / 20P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024 Datasheet
237Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62W1024 LYONTEK-LY62W1024_12 Datasheet
446Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008 ALSC-AS6C1008 Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L1024 ETC-UT62L1024 Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com