Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY626416UV Datasheet(PDF) 8 Page - Lyontek Inc.

Part # LY626416UV
Description  64K X 16 BIT LOW POWER CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY626416UV Datasheet(HTML) 8 Page - Lyontek Inc.

Back Button LY626416UV Datasheet HTML 4Page - Lyontek Inc. LY626416UV Datasheet HTML 5Page - Lyontek Inc. LY626416UV Datasheet HTML 6Page - Lyontek Inc. LY626416UV Datasheet HTML 7Page - Lyontek Inc. LY626416UV Datasheet HTML 8Page - Lyontek Inc. LY626416UV Datasheet HTML 9Page - Lyontek Inc. LY626416UV Datasheet HTML 10Page - Lyontek Inc. LY626416UV Datasheet HTML 11Page - Lyontek Inc. LY626416UV Datasheet HTML 12Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LY626416
Rev. 1.4
64K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
7
®
WRITE CYCLE 1 (WE# Controlled) (1,2,3,5,6)
Dout
Din
Data Valid
tDW
tDH
(4)
High-Z
tWHZ
WE#
tWP
tCW
tWR
tAS
(4)
TOW
LB#,UB#
CE#
tAW
Address
tWC
tBW
WRITE CYCLE 2 (CE# Controlled) (1,2,5,6)
Dout
Din
Data Valid
tDW
tDH
(4)
High-Z
tWHZ
WE#
LB#,UB#
tCW
CE#
Address
tWR
tAS
tAW
tWC
tWP
tBW


Similar Part No. - LY626416UV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY626416GL-45LL LYONTEK-LY626416GL-45LL Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416GL-45LL LYONTEK-LY626416GL-45LL Datasheet
701Kb / 16P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416GL-45LLE LYONTEK-LY626416GL-45LLE Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416GL-45LLE LYONTEK-LY626416GL-45LLE Datasheet
701Kb / 16P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416GL-45LLET LYONTEK-LY626416GL-45LLET Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY626416UV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416 Datasheet
178Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416_1008 LYONTEK-LY62L6416_1008 Datasheet
222Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416_16 Datasheet
695Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416 LYONTEK-LY626416_16 Datasheet
701Kb / 16P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
AS6C1016 ETC2-AS6C1016 Datasheet
449Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_17 Datasheet
796Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L6416 ETC1-UT62L6416 Datasheet
193Kb / 12P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010_08 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com