Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY625128ML Datasheet(PDF) 3 Page - Lyontek Inc.

Part # LY625128ML
Description  512K X 8 BIT LOW POWER CMOS SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY625128ML Datasheet(HTML) 3 Page - Lyontek Inc.

  LY625128ML Datasheet HTML 1Page - Lyontek Inc. LY625128ML Datasheet HTML 2Page - Lyontek Inc. LY625128ML Datasheet HTML 3Page - Lyontek Inc. LY625128ML Datasheet HTML 4Page - Lyontek Inc. LY625128ML Datasheet HTML 5Page - Lyontek Inc. LY625128ML Datasheet HTML 6Page - Lyontek Inc. LY625128ML Datasheet HTML 7Page - Lyontek Inc. LY625128ML Datasheet HTML 8Page - Lyontek Inc. LY625128ML Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LY625128
Rev. 2.2
512K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
2
®
FUNCTIONAL BLOCK DIAGRAM
DECODER
I/O DATA
CIRCUIT
CONTROL
CIRCUIT
512Kx8
MEMORY ARRAY
COLUMN I/O
A0-A18
Vcc
Vss
DQ0-DQ7
CE#
WE#
OE#
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A18
Address Inputs
DQ0 – DQ7
Data Inputs/Outputs
CE#
Chip Enable Inputs
WE#
Write Enable Input
OE#
Output Enable Input
VCC
Power Supply
VSS
Ground
NC
No Connection


Similar Part No. - LY625128ML

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY625128GL-45LL LYONTEK-LY625128GL-45LL Datasheet
309Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128GL-45LLE LYONTEK-LY625128GL-45LLE Datasheet
309Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128GL-45LLET LYONTEK-LY625128GL-45LLET Datasheet
309Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128GL-45LLI LYONTEK-LY625128GL-45LLI Datasheet
309Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128GL-45LLIT LYONTEK-LY625128GL-45LLIT Datasheet
309Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY625128ML

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_17 Datasheet
1Mb / 23P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128_12 Datasheet
404Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_12 Datasheet
309Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008 ALSC-AS6C4008_V01 Datasheet
722Kb / 14P
   512K X 8 BIT LOW POWER CMOS SRAM
AUGUST 2009
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128 Datasheet
170Kb / 11P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_16 Datasheet
921Kb / 20P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008 ALSC-AS6C4008 Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com