Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

108-153K Datasheet(PDF) 1 Page - API Delevan

Part # 108-153K
Description  Micro i Chip Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

108-153K Datasheet(HTML) 1 Page - API Delevan

  108-153K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PAGE

www
.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
6/2007
DASH
NUMBER*
0.14
0.16
0.19
0.21
0.23
0.25
0.28
0.31
0.45
0.62
0.65
0.73
1.0
1.2
1.5
1.7
2.0
2.2
2.8
3.1
3.3
3.8
5.0
5.6
4.0
4.2
4.4
7.5
8.0
13.0
17.0
19.0
23.0
25.0
28.0
31.0
830
775
710
675
650
620
585
555
460
395
385
360
310
280
250
235
220
210
185
175
170
160
135
130
79
79
75
57
55
45
38
36
33
32
30
28
500
440
405
360
330
280
185
178
163
160
155
130
115
100
90
75
68
62
57
52
47
42
40
38
26.0
24.0
21.0
19.0
14.0
12.0
10.0
9.0
8.5
8.2
8.0
7.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
40
40
40
40
40
35
35
35
35
35
30
30
25
25
25
25
25
25
25
30
30
30
30
30
36
32
32
32
32
30
30
30
30
30
30
30
±20%
±20%
±20%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
87
88
89
90
91
92
93
94
95
96
97
98
Military Specifications
Series105MIL-PRF-83446(Reference)
Series108MIL-PRF-83446/8(Reference)
Physical Parameters for Series 105
Inches
Millimeters
A
0.075Max.
1.91Max.
B
0.100±0.010
2.54±.25
C
0.100±0.010
2.54±.25
D
0.050Min.
1.27Min.
E
0.015Min.(Typ.)
0.38Min.(Typ.)
F
0.020Max.(Typ.)
0.51Max.(Typ.)
Physical Parameters for Series 108
Inches
Millimeters
A
0.070Max.
1.78Max.
B
0.100±0.010
2.54±.254
C
0.100±0.010
2.54±.254
D
0.050Min.
1.27Min.
E
0.025±0.005(Typ.) 0.635±0.13(Typ.)
F
0.020Max.(Typ.)
0.51Max.(Typ.)
Weight Max.(Grams)0.05
Current Rating at 90°C Ambient 35°CRise
Operating Temperature Range –55°Cto+125°C
Maximum Power Dissipation at 90°C0.135Watts
Mechanical Configuration Unitsareepoxy
encapsulated.Contactareasforreflowsoldering
aregoldplatedperMIL-G-45204Type-1-Grade
A.Internalconnectionsarethermalcompression
bonded.
Packaging Tape&reel(8mm):7"reel,2000pieces
max.;13"-reel,8000piecesmax.
Made in the U.S.A.
SERIES 105 IRON CORE
-121M
-151M
-181M
-221K
-271K
-331K
-391K
-471K
-561K
-681K
-821K
-102K
-122K
-152K
-182K
-222K
-272K
-332K
-392K
-472K
-562K
-682K
-822K
-103K
M83446/8– (Reference) SERIES 108 IRON CORE
-123K
-153K
-183K
-223K
-273K
-333K
-393K
-473K
-563K
-683K
-823K
-104K
Optional Tolerances: J = 5% H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For further surface finish information,
refer to TECHNICAL section of this catalog.
Termination Finish Options(Part#Code)
GoldoverNickel(Standard):Asshown.
Tin/LeadoverNickel:Addsuffix“S”topart#(e.g.,105-102KSor
108-473KS).
Miltype“A:”GoldoverNickel(Standard)
Miltype“B”or“F:”Tin/Lead(solder)overNickel.
RoHStype:Order105R-XXXKSor108R-XXXKS
Notes 1)Designedspecificallyforreflowsolderingandother
hightemperatureprocesseswithmetalizededgestoexhibit
solderfillet.
2)-SelfResonantFrequency(SRF)Valuesabove
185-MHzforSeries105arecalculated(referenceonly).
105R&108R
105&108
Micro i® Chip Inductors
Series


Similar Part No. - 108-153K

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
108-151009 TEC-108-151009 Datasheet
183Kb / 15P
   DEUTSCH* DT Series Connector System
11 MAY 2020 Rev D
108-151014 TEC-108-151014 Datasheet
759Kb / 12P
   HD30 Series Connector System
12Sep2018 Rev B1
108-151045 TEC-108-151045 Datasheet
185Kb / 13P
   enetSEAL Connector System
AUGUST 2022 Rev E
logo
API Delevan
108-151M API-108-151M Datasheet
1Mb / 1P
   Micro i짰 Chip Inductors
logo
TE Connectivity Ltd
108-152043 TEC-108-152043 Datasheet
121Kb / 3P
   Sliver Cable and Connector Assemblies, 124 POSN
More results

Similar Description - 108-153K

ManufacturerPart #DatasheetDescription
logo
API Delevan
160-100MS API-160-100MS Datasheet
207Kb / 1P
   Micro i Chip Inductors
103-100 API-103-100 Datasheet
235Kb / 1P
   Micro i Chip Inductors
3094-100KS API-3094-100KS Datasheet
54Kb / 1P
   Micro i Chip Inductors
100-150N API-100-150N Datasheet
233Kb / 1P
   Micro i Ribbon-Lead Inductors
103R API-103R_10 Datasheet
1Mb / 1P
   Micro i짰 Chip Inductors
3094R API-3094R_10 Datasheet
1Mb / 1P
   Micro i짰 Chip Inductors
105R API-105R_10 Datasheet
1Mb / 1P
   Micro i짰 Chip Inductors
P160R API-P160R Datasheet
1Mb / 1P
   Power Micro i짰 Chip Inductors
3090R API-3090R Datasheet
1Mb / 1P
   Micro i짰 Low Profile Chip Inductors
logo
Sumida Corporation
SMI-I0603 SUMIDA-SMI-I0603 Datasheet
314Kb / 2P
   Micro Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com