Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY6210248ML Datasheet(PDF) 11 Page - Lyontek Inc.

Part # LY6210248ML
Description  1024K X 8 BIT LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY6210248ML Datasheet(HTML) 11 Page - Lyontek Inc.

Back Button LY6210248ML Datasheet HTML 5Page - Lyontek Inc. LY6210248ML Datasheet HTML 6Page - Lyontek Inc. LY6210248ML Datasheet HTML 7Page - Lyontek Inc. LY6210248ML Datasheet HTML 8Page - Lyontek Inc. LY6210248ML Datasheet HTML 9Page - Lyontek Inc. LY6210248ML Datasheet HTML 10Page - Lyontek Inc. LY6210248ML Datasheet HTML 11Page - Lyontek Inc. LY6210248ML Datasheet HTML 12Page - Lyontek Inc. LY6210248ML Datasheet HTML 13Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LY6210248
Rev. 0.4
1024K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
10
®
48-ball 6mm × 8mm TFBGA Package Outline Dimension


Similar Part No. - LY6210248ML

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6210248ML-55LL LYONTEK-LY6210248ML-55LL Datasheet
350Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY6210248ML-55LLI LYONTEK-LY6210248ML-55LLI Datasheet
350Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY6210248ML-55LLIT LYONTEK-LY6210248ML-55LLIT Datasheet
350Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY6210248ML-55LLT LYONTEK-LY6210248ML-55LLT Datasheet
350Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY6210248ML-70LL LYONTEK-LY6210248ML-70LL Datasheet
350Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY6210248ML

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L10248 LYONTEK-LY62L10248 Datasheet
192Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62W10248 LYONTEK-LY62W10248_11 Datasheet
435Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY6210248 LYONTEK-LY6210248_13 Datasheet
350Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62L10248 LYONTEK-LY62L10248_11 Datasheet
431Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62L10248 LYONTEK-LY62L10248_16 Datasheet
372Kb / 14P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62W10248 LYONTEK-LY62W10248_16 Datasheet
486Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C8008-55ZIN ALSC-AS6C8008-55ZIN Datasheet
756Kb / 11P
   512K X 8 BIT LOW POWER 1024K X 8 BIT SUPER LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
AS6C8008 ETC2-AS6C8008 Datasheet
756Kb / 11P
   512K X 8 BIT LOW POWER 1024K X 8 BIT SUPER LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62102516 LYONTEK-LY62102516 Datasheet
195Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102616 LYONTEK-LY62L102616_13 Datasheet
169Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com