Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3094-100KS Datasheet(PDF) 1 Page - API Delevan

Part # 3094-100KS
Description  Micro i Chip Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

3094-100KS Datasheet(HTML) 1 Page - API Delevan

  3094-100KS Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PAGE
8
www
.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
4/2005
1000
1000
1000
1000
1000
1000
1000
900
900
900
840
840
840
840
790
790
790
700
700
700
590
510
430
400
380
330
290
260
230
210
200
180
170
160
140
130
120
118
115
114
113
110
100
84
79
70
67
64
62
59
56
52
45
44
41
39
37
33
30
26
25
0.040
0.040
0.040
0.040
0.050
0.050
0.050
0.060
0.060
0.060
0.070
0.070
0.070
0.070
0.080
0.080
0.080
0.10
0.10
0.10
0.14
0.19
0.26
0.30
0.34
0.45
0.57
0.72
0.90
1.10
1.20
1.40
1.60
1.80
2.40
3.00
3.50
3.60
3.70
3.80
3.90
4.00
5.00
7.00
8.00
10.0
11.0
12.0
13.0
14.0
16.0
18.0
24.0
25.0
29.0
32.0
35.0
45.0
55.0
70.0
80.0
2000.0
1800.0
1500.0
1500.0
1300.0
1300.0
1000.0
1000.0
800.0
760.0
700.0
650.0
570.0
520.0
400.0
360.0
320.0
270.0
240.0
220.0
190.0
170.0
160.0
150.0
130.0
120.0
110.0
100.0
80.0
60.0
50.0
45.0
42.0
40.0
37.0
34.0
29.0
27.0
22.0
17.0
16.0
15.0
14.0
13.0
12.0
11.0
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.3
3.1
2.9
2.4
2.1
1.9
1.8
1.7
150
150
150
150
100
100
100
100
100
100
100
100
50
50
50
50
50
50
50
50
25
25
25
25
25
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
60
60
60
60
60
60
60
60
65
65
65
65
65
65
75
75
70
70
70
70
70
70
70
75
75
65
65
65
65
65
60
60
60
65
65
65
65
60
60
60
60
65
65
65
70
70
65
60
60
40
40
40
40
40
40
40
35
35
35
30
30
0.010
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.100
0.120
0.150
0.180
0.220
0.270
0.330
0.390
0.470
0.560
0.680
0.820
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
Physical Parameters
Inches
Millimeters
A
0.140 Max.
3.56 Max.
B
0.147 to 0.163
3.73 to 4.14
C
0.117 to 0.133
2.97 to 3.38
D
0.070 Min.
1.78 Min.
E
0.017 to 0.033
0.43 to 0.84
F
0.020 Max. (Typ)
0.51 Max. (Typ.)
Current Rating at 90°C Ambient 35°C Rise
Operating Temperature Range –55°C to +125°C
Maximum Power Dissipation at 90°C 0.155 W
Inductance tolerance desired is specified by suffix-
ing an alpha character to the part number: F = 1%,
G = 2%, H = 3%, J = 5%, K = 10%, and M = 20%.
Standard series tolerance is ±10%. For inductance
values less than .10µH, minimum tolerance is ±5%.
Termination Standard-Tin/Lead Sn63. For RoHS,
order 3094R - XXXKS. Contact factory for other
finish options.
Mechanical Configuration Units are epoxy
encapsulated. Contact area for reflow are solder
coated. Internal connections are thermal compression
bonded.
Packaging Tape & reel (12mm): 7" reel, 650 pieces
max.; 13" reel, 2500 pieces max.
MIL-PRF-83446/10 (Reference)
*Complete part # must include series # PLUS the dash #
For further surface finish information,
refer to TECHNICAL section of this catalog.
Made in the U.S.A.
M83446/10– (Reference) SERIES 3094 IRON CORE
-100KS
-120KS
-150KS
-180KS
-220KS
-270KS
-330KS
-390KS
-470KS
-560KS
-680KS
-820KS
-101KS
-121KS
-151KS
-181KS
-221KS
-271KS
-331KS
-391KS
-471KS
-561KS
-681KS
-821KS
-102KS
-122KS
-152KS
-182KS
-222KS
-272KS
-332KS
-392KS
-472KS
-562KS
-682KS
-822KS
-103KS
-123KS
-153KS
-183KS
-223KS
-273KS
-333KS
-393KS
-473KS
-563KS
-683KS
-823KS
-104KS
-124KS
-154KS
-184KS
-224KS
-274KS
-334KS
-394KS
-474KS
-564KS
-684KS
-824KS
-105KS
Notes 1) Designed specifically for reflow soldering and other
high temperature processes with metalized edges to exhibit
solder fillet. 2) Self Resonant Frequency (SRF) values 270 MHz
and above are calculated and for reference only. 3) Optional
marking is available.
3094R
3094
Micro i® Chip Inductors
Series


Similar Part No. - 3094-100KS

ManufacturerPart #DatasheetDescription
logo
API Delevan
3094-100KS API-3094-100KS Datasheet
1Mb / 1P
   Micro i짰 Chip Inductors
More results

Similar Description - 3094-100KS

ManufacturerPart #DatasheetDescription
logo
API Delevan
160-100MS API-160-100MS Datasheet
207Kb / 1P
   Micro i Chip Inductors
105-121M API-105-121M Datasheet
199Kb / 1P
   Micro i Chip Inductors
103-100 API-103-100 Datasheet
235Kb / 1P
   Micro i Chip Inductors
100-150N API-100-150N Datasheet
233Kb / 1P
   Micro i Ribbon-Lead Inductors
103R API-103R_10 Datasheet
1Mb / 1P
   Micro i짰 Chip Inductors
3094R API-3094R_10 Datasheet
1Mb / 1P
   Micro i짰 Chip Inductors
105R API-105R_10 Datasheet
1Mb / 1P
   Micro i짰 Chip Inductors
P160R API-P160R Datasheet
1Mb / 1P
   Power Micro i짰 Chip Inductors
3090R API-3090R Datasheet
1Mb / 1P
   Micro i짰 Low Profile Chip Inductors
logo
Sumida Corporation
SMI-I0603 SUMIDA-SMI-I0603 Datasheet
314Kb / 2P
   Micro Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com