Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4379R-101KS Datasheet(PDF) 1 Page - API Delevan

Part # 4379R-101KS
Description  Shielded Surface Mount Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

4379R-101KS Datasheet(HTML) 1 Page - API Delevan

  4379R-101KS Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4/2005
PAGE
9
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
4379R Micro i®
4379 Micro i®
Shielded Surface Mount Inductors
1000
1000
1000
1000
1000
1000
750
750
750
700
700
700
650
650
600
500
400
350
330
310
300
285
270
225
200
180
170
160
150
140
130
125
125
120
111
102
93
89
89
88
82
78
75
72
69
66
64
53
47
45
44
43
40
38
35
29
26
25
23
22
21
0.03
0.03
0.03
0.04
0.04
0.04
0.05
0.05
0.05
0.06
0.06
0.06
0.09
0.09
0.14
0.20
0.30
0.40
0.46
0.52
0.54
0.60
0.66
1.00
1.20
1.5
1.8
1.9
2.1
2.4
2.7
3.1
3.2
3.5
4.0
4.8
5.7
6.2
6.3
6.4
7.4
8.1
8.8
9.7
10.0
11.0
12.0
17.0
22.0
24.0
25.0
27.0
30.0
34.0
39.0
56.0
70.0
80.0
90.0
100.0
110.0
600
520
490
460
430
370
310
280
260
240
200
185
175
150
135
120
105
85
80
64
56
49
45
41
39
34
30
26
23
20
18
17
16
14
12
10
9.4
8.0
8.0
6.9
6.1
5.2
4.6
4.0
3.6
2.8
2.3
2.1
2.0
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.7
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
79
79
79
79
79
88
93
102
106
106
106
106
106
90
100
100
100
100
100
105
115
115
115
115
100
100
100
100
105
110
120
120
120
110
110
110
110
85
85
85
85
85
100
100
100
100
100
95
95
75
75
75
75
75
75
75
75
75
75
75
75
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
Physical Parameters
Inches
Millimeters
A
0.140 Max.
3.56 Max.
B
0.147 to 0.163
3.73 to 4.14
C
0.117 to 0.133
2.97 to 3.38
D
0.070 Min.
1.78 Min.
E
0.017 to 0.033
0.43 to 0.84
F
0.020 Max (Typ)
0.51 Max. (Typ)
Current Rating at 90°C Ambient 35°C Rise
Operating Temperature –55°C to +125°C
Maximum Power Dissipation at 90°C 0.155 W
Termination Standard-Tin/Lead Sn63. For RoHS,
order 4379R - XXXKS. Contact factory for other
finish options.
Inductance Tolerance Desired tolerance is
specified by substituting alpha characters in the part
number: H=3%, J=5%, K=10%, and M=20%.
Standard series tolerance is ±10%.
Mechanical Configuration Units are epoxy
encapsulated. Contact area for reflow are solder
coated. Internal connections are thermal
compression bonded.
Notes 1) Designed specifically for reflow soldering
and other high temperature processes with metalized
edges to exhibit solder fillet. 2) Self Resonant
Frequency (SRF) values 260 MHz and above are
calculated and for reference only. 3) Optional
marking is available.
Packaging Tape & reel (12mm): 7" reel, 650 pieces
max.; 13" reel, 2500 pieces max.
MIL-PRF-83446/11 (Reference)
Made in the U.S.A.
M83446/11– (Ref.) SERIES 4379 FERRITE CORE & SLEEVE
-101KS
-121KS
-151KS
-181KS
-221KS
-271KS
-331KS
-391KS
-471KS
-561KS
-681KS
-821KS
-102KS
-122KS
-152KS
-182KS
-222KS
-272KS
-332KS
-392KS
-472KS
-562KS
-682KS
-822KS
-103KS
-123KS
-153KS
-183KS
-223KS
-273KS
-333KS
-393KS
-473KS
-563KS
-683KS
-823KS
-104KS
-124KS
-154KS
-184KS
-224KS
-274KS
-334KS
-394KS
-474KS
-564KS
-684KS
-824KS
-105KS
-125KS
-155KS
-185KS
-225KS
-275KS
-335KS
-395KS
-475KS
-565KS
-685KS
-825KS
-106KS
Optional Tolerances:
J = 5% H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For further surface finish information,
refer to TECHNICAL section of this catalog.
Series


Similar Part No. - 4379R-101KS

ManufacturerPart #DatasheetDescription
logo
API Delevan
4379R-101KS API-4379R-101KS Datasheet
963Kb / 1P
   Shielded Surface Mount Inductors
More results

Similar Description - 4379R-101KS

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
   Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
   Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
S1008 API-S1008 Datasheet
28Kb / 1P
   Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
   Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
   Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
   Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD73 ETC1-SPD73 Datasheet
41Kb / 1P
   Shielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com