Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC551001BPL-70L Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC551001BPL-70L
Description  SILICON GATE CMOS 131,072 WORD x 8 BIT STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC551001BPL-70L Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC551001BPL-70L Datasheet HTML 1Page - Toshiba Semiconductor TC551001BPL-70L Datasheet HTML 2Page - Toshiba Semiconductor TC551001BPL-70L Datasheet HTML 3Page - Toshiba Semiconductor TC551001BPL-70L Datasheet HTML 4Page - Toshiba Semiconductor TC551001BPL-70L Datasheet HTML 5Page - Toshiba Semiconductor TC551001BPL-70L Datasheet HTML 6Page - Toshiba Semiconductor TC551001BPL-70L Datasheet HTML 7Page - Toshiba Semiconductor TC551001BPL-70L Datasheet HTML 8Page - Toshiba Semiconductor TC551001BPL-70L Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TOSHIBA
TC551001BPL/BFL/BFTL/BTRL-70L/85L
TOSHIBA AMERICA ELECTRONIC COMPONENTS, INC
.
1
PIN NO.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PIN NAME
A11
A9
A8
A13
R/W
CE2
A15
VDD
NC
A16
A14
A12
A7
A6
A5
A4
PIN NO.
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
PIN NAME
A3
A2
A1
A0
I/O1
I/O2
I/O3
GND
I/O4
I/O5
I/O6
I/O7
I/O8
CE1
A10
OE
Features
• Low power dissipation
:
27.5mW/MHz (typ.)
• Standby current:
4
µA (max.) at Ta = 25°C
• 5V single power supply
• Access time (max.)
• Power down feature:
CE1, CE2
• Data retention supply voltage:
2.0 ~ 5.5V
• Inputs and outputs directly TTL compatible
• Package
TC551001BPL
: DIP32-P-600
TC551001BFL
: SOP32-P-525
TC551001BFTL
: TSOP32-P-0820
TC551001BTRL
: TSOP32-P-0820A
TC551001BPL/BFL/BFTL/BTRL
-70L
-85L
Access Time
70ns
85ns
CE1 Access Time
70ns
85ns
CE2 Access Time
70ns
85ns
OE Access Time
35ns
45ns
Pin Connection (Top View)
TSOP Pinout
SILICON GATE CMOS
131,072 WORD x 8 BIT STATIC RAM
Description
The TC551001BPL is a 1,048,576 bits static random access memory organized as 131,072 words by 8 bits using CMOS technology,
and operated from a single 5V power supply. Advanced circuit techniques provide both high speed and low power features with an
operating current of 5mA/MHz (typ.) and a minimum cycle time of 70ns. When CE1 is a logical high, or CE2 is low, the device is
placed in a low power standby mode in which the standby current is 2
µA typically. The TC551001BPL has three control inputs.
Chip Enable inputs (CE1, CE2) allow for device selection and data retention control, while an Output Enable input (OE) provides fast
memory access. The TC551001BPL is suitable for use in microprocessor application systems where high speed, low power, and
battery backup are required.
The TC551001BPL is offered in a standard dual-in-line 32-pin plastic package, a small outline plastic package, and a thin small
outline plastic package (forward, reverse type).
Pin Names
A0 ~ A16
Address Inputs
R/W
Read/Write Control Input
OE
Output Enable Input
CE1, CE2
Chip Enable Inputs
I/O1 ~ I/O8
Data Input/Output
VDD
Power (+5V)
GND
Ground
N.C.
No Connection


Similar Part No. - TC551001BPL-70L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC551001BPL-70L TOSHIBA-TC551001BPL-70L Datasheet
355Kb / 12P
   131,072-WORD BY 8-BIT STATIC RAM
1996-09-02
More results

Similar Description - TC551001BPL-70L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC518128AP TOSHIBA-TC518128AP Datasheet
574Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BFL TOSHIBA-TC518129BFL Datasheet
477Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC551001AFI TOSHIBA-TC551001AFI Datasheet
453Kb / 8P
   131,072 WORD x 8 BIT STATIC RAM
TC551001AFL TOSHIBA-TC551001AFL Datasheet
297Kb / 10P
   131,072 WORD x 8 BIT STATIC RAM
TC518129AP TOSHIBA-TC518129AP Datasheet
301Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BPL TOSHIBA-TC518128BPL Datasheet
561Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129APL TOSHIBA-TC518129APL Datasheet
376Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL TOSHIBA-TC518129BPL Datasheet
548Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BFL TOSHIBA-TC518128BFL Datasheet
752Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC551001CP TOSHIBA-TC551001CP Datasheet
547Kb / 14P
   131,072 WORD x 8 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com