Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA0715XI-TRL Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APA0715XI-TRL
Description  3W Mono Fully Differential Audio Power Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0715XI-TRL Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA0715XI-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APA0715XI-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APA0715XI-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APA0715XI-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APA0715XI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APA0715XI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APA0715XI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APA0715XI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APA0715XI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2008
www.anpec.com.tw
4
APA0715
Electrical Characteristics (Cont.)
V
DD=5V, GND=0V, TA= 25
o
C (unless otherwise noted)
APA0715
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD=5V, TA=25°
C (CONT.)
CMRR
Common-Mode Rejection
Ratio
Cb= 0.22
µF, R
L = 8
Ω, V
IC=0.2VPP,
fin = 217Hz
-
85
-
dB
S/N
Signal to Noise Ratio
With A-weighting Filter
PO = 1.3W, RL = 8
-
112
-
dB
VOS
Output Offset Voltage
RL = 8
-
5
20
mV
Vn
Noise Output Voltage
Cb= 0.22
µF, With A-weighting Filter
-
8
-
µV
(rms)
VDD=3.6V, TA=25°
C
RL = 3
-
1.2
-
RL = 4
-
1
-
THD+N = 1%
RL = 8
-
0.65
-
RL = 3
-
1.5
-
RL = 4
-
1.3
-
PO
Output Power
THD+N = 10%
fin = 1kHz
RL = 8
-
0.8
-
W
THD+N
Total Harmonic Distortion
Pulse Noise
fin = 1kHz
RL = 8
PO= 0.45W
-
0.05
-
%
PSRR
Power Supply Rejection Ratio
Cb= 0.22
µF, R
L = 8
Ω, V
RR=0.2VPP,
fin = 217Hz
-
85
-
CMRR
Common-Mode Rejection
Ratio
Cb= 0.22
µF, R
L = 8
Ω, V
IC=0.2VPP,
fin = 217Hz
-
75
-
S/N
Signal to Noise Ratio
With A-weighting Filter
PO = 0.65W, RL = 8
-
110
-
dB
VOS
Output Offset Voltage
RL = 8
-
5
20
mV
Vn
Noise Output Voltage
Cb= 0.22
µF, With A-weighting Filter
-
7
-
µV
(rms)
VDD=2.4V, TA=25°
C
RL = 3
-
0. 5
-
RL = 4
-
0.45
-
THD+N = 1%
RL = 8
-
0.3
-
RL = 3
-
0.7
-
RL = 4
-
0.6
-
PO
Output Power
THD+N = 10%
fin = 1kHz
RL = 8
-
0.35
-
W
THD+N
Total Harmonic Distortion
Pulse Noise
fin = 1kHz
PO = 0.2W,
RL = 8
-
0.08
-
%
PSRR
Power Supply Rejection Ratio
Cb= 0.22
µF, R
L = 8
Ω, V
RR=0.2VPP,
fin = 217Hz
-
80
-
CMRR
Common-Mode Rejection
Ratio
Cb= 0.22
µF, R
L = 8
Ω, V
IC=0.2VPP,
fin = 217Hz
-
65
-
S/N
Signal to Noise Ratio
With A-weighting Filter
PO = 0.3W, RL = 8
-
106
-
dB
VOS
Output Offset Voltage
RL = 8
-
5
20
mV
Vn
Noise Output Voltage
Cb= 0.22
µF, With A-weighting Filter
-
7
-
µV
(rms)


Similar Part No. - APA0715XI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA0710 ANPEC-APA0710 Datasheet
509Kb / 29P
   1.1W Mono Low-Voltage Audio Power Amplifier
APA0710K ANPEC-APA0710K Datasheet
509Kb / 29P
   1.1W Mono Low-Voltage Audio Power Amplifier
APA0710K-TR ANPEC-APA0710K-TR Datasheet
509Kb / 29P
   1.1W Mono Low-Voltage Audio Power Amplifier
APA0710K-TRL ANPEC-APA0710K-TRL Datasheet
509Kb / 29P
   1.1W Mono Low-Voltage Audio Power Amplifier
APA0710KI ANPEC-APA0710KI Datasheet
509Kb / 29P
   1.1W Mono Low-Voltage Audio Power Amplifier
More results

Similar Description - APA0715XI-TRL

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6204A EUTECH-EUA6204A Datasheet
384Kb / 11P
   3W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0714 ANPEC-APA0714 Datasheet
462Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM2010A HMSEMI-HM2010A Datasheet
712Kb / 7P
   3W Class D Fully Differential Input Mono Audio Amplifier
logo
Anpec Electronics Corop...
APA2037 ANPEC-APA2037_09 Datasheet
501Kb / 24P
   3W Stereo Fully Differential Audio Power Amplifier
APA2037 ANPEC-APA2037 Datasheet
463Kb / 23P
   3W Stereo Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1_07 Datasheet
526Kb / 18P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Shenzhen Huazhimei Semi...
HMA6203 HMSEMI-HMA6203 Datasheet
1,015Kb / 12P
   1.25W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1 Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
SeCoS Halbleitertechnol...
SPEMA2004A SECOS-SPEMA2004A Datasheet
240Kb / 5P
   1.7W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com