Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA0715XAI-TRL Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APA0715XAI-TRL
Description  3W Mono Fully Differential Audio Power Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0715XAI-TRL Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APA0715XAI-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APA0715XAI-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APA0715XAI-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APA0715XAI-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APA0715XAI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APA0715XAI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APA0715XAI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APA0715XAI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APA0715XAI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2008
www.anpec.com.tw
3
APA0715
Symbol
Parameter
Range
Unit
VDD
Supply Voltage
2.4
~ 5.5
V
VIH
High Level Threshold Voltage
SD
1.8
~ VDD
V
VIL
Low Level Threshold Voltage
SD
0
~ 0.35
V
VIC
Common Mode Input Voltage
0.5
~ VDD-0.5
Operating Ambient Temperature Range
-40
~ 85
οC
Operating Junction Temperature Range
-40
~ 125
οC
Speaker Resistance
3
~
Thermal Characteristics (Note 2,3)
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance -Junction to Ambient
MSOP-8
MSOP-8P
TDFN3x3-8
200
52
54
οC /W
θ
JC
Thermal Resistance -Junction to Case
MSOP-8P
TDFN3x3-8
10
11
οC /W
Recommended Operating Conditions
APA0715
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IDD
Supply Current
-
1.5
3
mA
ISD
Shutdown Current
SD = 0V
-
-
5
µA
II
Input Current
SD
-
0.1
-
µA
TSTART-UP
Start-Up Time from End of
Shutdown
Cb=0.22
µF
-
50
-
ms
RSD
Resistance from Shutdown to
GND
90
100
110
k
VDD=5V, TA=25°
C
RL = 3
-
2.4
-
RL = 4
-
2.1
-
THD+N = 1%
RL = 8
1
1.3
-
RL = 3
-
3
-
RL = 4
-
2.6
-
PO
Output Power
THD+N = 10%
fin = 1kHz
RL = 8
-
1.6
-
W
THD+N
Total Harmonic Distortion
Pulse Noise
fin = 1kHz
RL = 8
PO= 0.9W
-
0.035
-
%
PSRR
Power Supply Rejection Ratio
Cb= 0.22
µF, R
L = 8
Ω, V
RR=0.2VPP,
fin = 217Hz
-
75
-
dB
Electrical Characteristics
V
DD=5V, GND=0V, AV=1V/V, TA= 25
oC (unless otherwise noted)
Note 2: Please refer to “ Layout Recommendation”, the Thermal Pad on the bottom of the IC should soldered directly to the PCB’s
ThermalPad area that with several thermal vias connect to the ground plan, and the PCB is a 2-layer, 5-inch square area with
2oz copper thickness.
Note 3: The case temperature is measured at the center of the Thermal Pad on the underside of the MSOP-8P and TDFN3x3-8
package.


Similar Part No. - APA0715XAI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA0710 ANPEC-APA0710 Datasheet
509Kb / 29P
   1.1W Mono Low-Voltage Audio Power Amplifier
APA0710K ANPEC-APA0710K Datasheet
509Kb / 29P
   1.1W Mono Low-Voltage Audio Power Amplifier
APA0710K-TR ANPEC-APA0710K-TR Datasheet
509Kb / 29P
   1.1W Mono Low-Voltage Audio Power Amplifier
APA0710K-TRL ANPEC-APA0710K-TRL Datasheet
509Kb / 29P
   1.1W Mono Low-Voltage Audio Power Amplifier
APA0710KI ANPEC-APA0710KI Datasheet
509Kb / 29P
   1.1W Mono Low-Voltage Audio Power Amplifier
More results

Similar Description - APA0715XAI-TRL

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6204A EUTECH-EUA6204A Datasheet
384Kb / 11P
   3W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0714 ANPEC-APA0714 Datasheet
462Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM2010A HMSEMI-HM2010A Datasheet
712Kb / 7P
   3W Class D Fully Differential Input Mono Audio Amplifier
logo
Anpec Electronics Corop...
APA2037 ANPEC-APA2037_09 Datasheet
501Kb / 24P
   3W Stereo Fully Differential Audio Power Amplifier
APA2037 ANPEC-APA2037 Datasheet
463Kb / 23P
   3W Stereo Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1_07 Datasheet
526Kb / 18P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Shenzhen Huazhimei Semi...
HMA6203 HMSEMI-HMA6203 Datasheet
1,015Kb / 12P
   1.25W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1 Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
SeCoS Halbleitertechnol...
SPEMA2004A SECOS-SPEMA2004A Datasheet
240Kb / 5P
   1.7W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com