Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIL4922-19L Datasheet(PDF) 1 Page - API Delevan

Part # MIL4922-19L
Description  High Current, MIL-PRF-27/367 Qualified Surface Mount Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

MIL4922-19L Datasheet(HTML) 1 Page - API Delevan

  MIL4922-19L Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-01
-02
-03
-04
-05
-06
-07
-08
-09
-10
-11
-12
-13
-14
-15
-16
-17
-18
-19
-20
-21
-22
-23
-24
-25
-26
-27
-28
-29
-30
-31
-32
-33
-34
-35
-36
-37
-38
-39
-40
-41
-42
-43
-44
-45
-46
-47
-48
-49
-50
-51
-52
-53
-54
-55
-56
-57
-58
-59
-60
-61
7.00
6.75
6.50
6.25
6.00
5.80
5.70
5.60
5.50
4.69
4.45
4.34
3.70
3.41
3.23
3.07
2.90
2.79
2.61
2.51
2.36
2.24
2.11
1.82
1.61
1.48
1.33
1.12
1.04
1.00
0.97
0.81
0.76
0.73
0.63
0.53
0.50
0.47
0.39
0.38
0.35
0.33
0.30
0.26
0.24
0.200
0.178
0.157
0.141
0.131
0.126
0.110
0.103
0.100
0.080
0.077
0.071
0.065
0.061
0.052
0.050
7.00
6.75
6.50
6.25
6.00
5.80
5.70
5.60
5.50
4.69
4.45
4.34
3.70
3.41
3.23
3.07
2.90
2.79
2.61
2.51
2.36
2.24
2.11
1.82
1.61
1.48
1.33
1.12
1.04
1.00
0.97
0.81
0.76
0.73
0.63
0.53
0.50
0.47
0.39
0.38
0.35
0.33
0.30
0.26
0.24
0.200
0.178
0.157
0.141
0.131
0.126
0.110
0.103
0.100
0.080
0.077
0.071
0.065
0.061
0.052
0.050
0.0080
0.0085
0.0090
0.0095
0.0100
0.0105
0.0110
0.0120
0.013
0.018
0.020
0.021
0.029
0.034
0.038
0.042
0.047
0.051
0.058
0.063
0.071
0.079
0.089
0.119
0.152
0.179
0.222
0.315
0.362
0.397
0.418
0.604
0.672
0.735
0.998
1.370
1.580
1.770
2.510
2.730
3.250
3.750
4.310
6.040
6.900
10.00
12.50
16.00
20.00
23.00
25.00
33.00
37.00
40.00
62.00
66.00
74.00
93.00
105.0
143.0
160.0
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
Mechanical Configuration Unitsareencapsulated
inaSurfaceMountpackage,usinganepoxy
moldedcase.Leadsarepre-tinned.Ahighresistivity
ferritecoreallowsforhighinductancewithlowDC
resistance.
Physical Parameters
Inches
Millimeters
A
0.490to0.520
12.44to13.21
B
0.230to0.250
5.84to6.35
C
0.210to0.230
5.33to5.84
D
0.050Min.
1.27Min.
E
0.055to.075
1.40to1.91
F
0.330(Ref.only)
8.38(Ref.only)
G
0.120(Ref.only)
3.04(Ref.only)
Operating Temperature Range–55°Cto+130°C
Current Rating at 85°C Ambient45°CRise
Maximum Power Dissipation at 85°C0.55Watts
Inductance
Measuredat1VACopencircuitwithnoDCcurrent.
Incremental Current Thecurrentatwhichthe
inductancewilldecreasebyamaximumof5%from
itsinductanceatzeroDCcurrent.
Weight (Grams Max.)1.5
Packaging Tape&reel(24mm):13"-reel,800pieces
max.;7"reelnotavailable
Lead Finish Sn63Pb37
(Tin-Lead)HotSolderDipped
Made In the U.S.A.
SERIES MIL4922 FERRITE CORE
-221L
-271L
-331L
-391L
-471L
-561L
-681L
-821L
-01L
-02L
-03L
-04L
-05L
-06L
-07L
-08L
-09L
-10L
-11L
-12L
-13L
-14L
-15L
-16L
-17L
-18L
-19L
-20L
-21L
-22L
-23L
-24L
-25L
-26L
-27L
-28L
-29L
-30L
-31L
-32L
-33L
-34L
-35L
-36L
-37L
-38L
-39L
-40L
-41L
-42L
-43L
-44L
-45L
-46L
-47L
-48L
-49L
-50L
-51L
-52L
-53L
*Complete part # must include MIL4922 PLUS the dash #
MIL4922
High Current, MIL-PRF-27/367 Qualified
Surface Mount Power Inductors
Series
www
.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814


Similar Part No. - MIL4922-19L

ManufacturerPart #DatasheetDescription
logo
API Delevan
MIL4922-19L API-MIL4922-19L Datasheet
1Mb / 1P
   High Current, MIL-PRF-27/367 Qualified Surface Mount Power Inductors
More results

Similar Description - MIL4922-19L

ManufacturerPart #DatasheetDescription
logo
API Delevan
MIL4922 API-MIL4922_10 Datasheet
1Mb / 1P
   High Current, MIL-PRF-27/367 Qualified Surface Mount Power Inductors
MIL8532-01L API-MIL8532-01L Datasheet
276Kb / 1P
   High Current, MIL-PRF-27/370 Qualified Surface Mount Power Inductors
MIL8532 API-MIL8532 Datasheet
1Mb / 1P
   High Current, MIL-PRF-27/370 Qualified Surface Mount Power Inductors
MILP1812-102K API-MILP1812-102K Datasheet
261Kb / 1P
   MIL-PRF-27/368 Qualified Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-1325 RENCO-RL-1325_14 Datasheet
1Mb / 4P
   MIL-PRF-27 POWER LINE INDUCTORS
logo
Vishay Siliconix
MS75083 VISHAY-MS75083 Datasheet
179Kb / 5P
   Inductors Military, MIL-PRF-15305 Qualified, Type LT, Molded
Revision: 16-Mar-06
D55342E07B271BRT5 VISHAY-D55342E07B271BRT5 Datasheet
87Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
Revision: 13-Mar-13
EH VISHAY-EH Datasheet
90Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
Revision: 04-Nov-14
M55342K03B10E0R VISHAY-M55342K03B10E0R Datasheet
87Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
Revision: 13-Mar-13
M55342 VISHAY-M55342_10 Datasheet
62Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Surface Mount Chip
Revision: 28-Jul-10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com