Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIL2510-94K Datasheet(PDF) 1 Page - API Delevan

Part # MIL2510-94K
Description  Unshielded Surface Mount Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

MIL2510-94K Datasheet(HTML) 1 Page - API Delevan

  MIL2510-94K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
865
785
725
690
635
510
455
415
405
500
475
444
418
385
300
283
250
229
187
167
143
123
114
99
91
120
110
106
100
91
87
76
69
62
58
50
47
52
49
46
38
35
31
30
28
25
23
22
20
0.14
0.17
0.20
0.22
0.26
0.40
0.50
0.60
0.63
0.19
0.21
0.24
0.27
0.32
0.53
0.59
0.76
0.90
1.35
1.70
2.30
3.10
3.60
4.8
5.7
3.3
3.8
4.2
4.7
5.7
6.2
8.1
9.8
12.0
13.8
19.0
21.0
17.0
19.0
21.5
32.0
37.0
47.0
53.0
60.0
71.0
83.0
95.0
108.0
640.0
610.0
530.0
510.0
480.0
440.0
410.0
380.0
340.0
240.0
210.0
200.0
180.0
160.0
140.0
125.0
120.0
100.0
90.0
85.0
80.0
75.0
64.0
50.0
45.0
29.0
24.0
21.0
18.0
17.0
15.0
13.0
12.0
11.0
10.0
9.0
8.9
8.5
7.6
7.2
6.8
6.2
5.3
5.0
4.6
4.3
3.8
3.2
2.4
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
25
25
25
25
25
25
25
25
25
35
35
35
35
25
30
30
30
30
35
35
35
35
35
35
35
25
25
25
25
25
25
25
25
25
25
25
25
15
15
15
15
15
15
15
15
15
15
15
15
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
01F
02F
03F
04F
05F
06F
07F
08F
09F
01F
02F
03F
04F
05F
06F
07F
08F
09F
10F
11F
12F
13F
14F
15F
16F
17F
18F
19F
20F
21F
22F
23F
24F
25F
26F
27F
28F
01F
02F
03F
04F
05F
06F
07F
08F
09F
10F
11F
12F
Military QPL Approval
M83446/28PhenolicCore
M83446/29IronCore
M83446/30FerriteCore
†Ordering Note Militarypartsmustbeorderedto
theM83446/partnumber
Physical Parameters
Inches
Millimeters
A
0.235to0255
5.97to6.48
B
0.085to0.105
2.16to2.67
C
0.090to0.110
2.29to2.79
D
0.060to0.080
1.52to2.03
E
0.035to0.055
0.89to1.40
F
0.100(Ref.only) 2.54(Ref.only)
G
0.059(Ref.only) 1.47(Ref.only)
Dimensions“A”and“C”areoverterminals.
Weight Max.(Grams)
Phenolic:0.19
Iron&Ferrite:0.22
Operating Temperature Range
Phenolic:–55°Cto+125°C
Iron&Ferrite:–55°Cto+105°C
Current Rating at 90°C Ambient
Phenolic:35°CRise
Iron&Ferrite:15°CRise
Maximum Power Dissipation at 90°C Ambient
Phenolic:0.145Watts
Iron&Ferrite:0.062Watts
Packaging Tape&reel(12mm):7"reel,750pieces
max.;13"‑reel,2700piecesmax.
Made In the U.S.A. Patent Protected
M83446/28– SERIES MIL2510 PHENOLIC CORE
‑00K
‑02K
‑04K
‑06K
‑08K
‑10K
‑12K
‑14K
‑16K
M83446/29– SERIES MIL2510 IRON CORE
‑18K
‑20K
‑22K
‑24K
‑26K
‑28K
‑30K
‑32K
‑34K
‑36K
‑38K
‑40K
‑42K
‑44K
‑46K
‑48K
‑50K
‑52K
‑54K
‑56K
‑58K
‑60K
‑62K
‑64K
‑66K
‑68K
‑70K
‑72K
M83446/30– SERIES MIL2510 FERRITE CORE
‑74K
‑76K
‑78K
‑80K
‑82K
‑84K
‑86K
‑88K
‑90K
‑92K
‑94K
‑96K
Parts listed above are QPL/MIL qualified
*Complete part # must include series # PLUS the dash #
For further surface finish information,
refer to TECHNICAL section of this catalog.
MIL2510
Unshielded Surface Mount Inductors
MI
L I TARY
A
P P R O V ED
Series
PAGE
32
www
.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
6/2007


Similar Part No. - MIL2510-94K

ManufacturerPart #DatasheetDescription
logo
MMD Components
MIL2 MMD-MIL2 Datasheet
154Kb / 2P
   5mm x 7mm 6 Pads Ceramic Package
logo
ITT Industries
MIL2102B02CAD25 ITT-MIL2102B02CAD25 Datasheet
152Kb / 4P
   1-4 Pole Miniature Right
MIL2102B02CADF2X125 ITT-MIL2102B02CADF2X125 Datasheet
152Kb / 4P
   1-4 Pole Miniature Right
MIL2102B02CADF2X1K025 ITT-MIL2102B02CADF2X1K025 Datasheet
152Kb / 4P
   1-4 Pole Miniature Right
MIL2102B02CADF2X1K12025 ITT-MIL2102B02CADF2X1K12025 Datasheet
152Kb / 4P
   1-4 Pole Miniature Right
More results

Similar Description - MIL2510-94K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1812-100M ETC1-1812-100M Datasheet
60Kb / 2P
   Unshielded Surface Mount Inductors
logo
API Delevan
2510-22F API-2510-22F Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
HF1008R API-HF1008R Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
1812R-151J API-1812R-151J Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
1008R API-1008R Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
1330R API-1330R Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
2510R API-2510R Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
logo
List of Unclassifed Man...
1008-018M ETC1-1008-018M Datasheet
28Kb / 1P
   Unshielded Surface Mount Inductors
logo
API Delevan
MIL1330-94K API-MIL1330-94K Datasheet
44Kb / 1P
   Unshielded Surface Mount Inductors
MIL1330 API-MIL1330_10 Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
logo
List of Unclassifed Man...
1330-94K ETC1-1330-94K Datasheet
38Kb / 1P
   Unshielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com