Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3208AQB-TRG Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL3208AQB-TRG
Description  Li Charger Protection IC with Integrated P-MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3208AQB-TRG Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL3208AQB-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL3208AQB-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL3208AQB-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL3208AQB-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3208AQB-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3208AQB-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3208AQB-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL3208AQB-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL3208AQB-TRG Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Nov., 2009
APL3208A/B/C
www.anpec.com.tw
7
Typical Application Circuit
Designation
Description
CACIN
1
µF, 50V, X7R, 0805
Murata GRM21BR71H105K
C1
1
µF, 10V, X7R, 0805
Murata GRM21BR71A105K
Murata website: www.murata.com
Block Diagram
Gate Driver and
Control Logic
POR
ACIN
VBAT
OUT
Charge
Pump
0.5V
ACIN
OVP
CHG_DET
CHG_SW
GND
Thermal
Shutdown
1V
VBAT
OVP
ACIN
CHG_DET
VBAT
GND
APL3208A/B/C
Li+
Battery
CHG_SW
OUT
5V Adapter or USB
C
1
1
µF
C
ACIN
1
µF
R
BAT
200k
Infineon
ULC2
CHG_SW
VBAT
CHG_DET
R
1
2.2k
R
2
20~100k
C
2
33nF
1, 2
3
6
5
7, 8
4
(Optional)
Figure 1. Infineon ULC2 Application Circuit


Similar Part No. - APL3208AQB-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3200 ANPEC-APL3200 Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3200QAI-TRG ANPEC-APL3200QAI-TRG Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3200QBI-TRG ANPEC-APL3200QBI-TRG Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
APL3201QAI-TRG ANPEC-APL3201QAI-TRG Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
More results

Similar Description - APL3208AQB-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3206 ANPEC-APL3206 Datasheet
314Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
APL3206 ANPEC-APL3206_10 Datasheet
386Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
APL3215 ANPEC-APL3215 Datasheet
317Kb / 18P
   Li Charger Protection IC with Integrated P-MOSFET
logo
Monolithic Power System...
MP2676 MPS-MP2676 Datasheet
438Kb / 10P
   Li-Ion Charger Protection IC With Integrated P-MOSFET
logo
Alpha & Omega Semicondu...
AOZ1401DI AOSMD-AOZ1401DI Datasheet
624Kb / 14P
   Li Charger Protection IC
logo
Anpec Electronics Corop...
APL3225 ANPEC-APL3225 Datasheet
236Kb / 15P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A_11 Datasheet
476Kb / 20P
   Li Charger Protection IC
APL3203D ANPEC-APL3203D Datasheet
446Kb / 19P
   Li Charger Protection IC
APL3203A ANPEC-APL3203A Datasheet
430Kb / 19P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A Datasheet
472Kb / 20P
   Li Charger Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com