Selected language     English  ▼


LA73B-1-2G.YG-S2-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part No. LA73B-1-2G.YG-S2-PF
Description  LED ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo 

   
 5 page
background image
Fig.4 Relative Intensity vs. Temperature
Wavelength (nm)
500
550
600
0.0
0.5
650
700
0.5
40
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
1.0
20
0
-20
-40
0.8
100
80
60
0.0
60
0
20
40
-40
-20
Ambient Temperature(
)
Fig.3 Forward Voltage vs. Temperature
1.1
1.0
0.9
1.2
2.5
1.5
1.0
2.0
3.0
100
80
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Intensity vs. Forward Current
100
Forward Voltage(V)
0.1
1.0
2.0
3.0
1.0
10
0.5
0.0
5.0
4.0
Forward Current(mA)
1.0
10
100
2.0
1.5
1.0
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
1000
Y CHIP
3.0
2.5
Page 4/6
1000
PART NO. LA73B-1/2G.YG-S2-PF




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl