Selected language     English  ▼


LA73B-1-2G.YG-S2-PF Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part No. LA73B-1-2G.YG-S2-PF
Description  LED ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo 

   
 6 page
background image
60 Seconds Max
Page 5/6
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
2.Wave Soldering Profile
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:2mm Min(From solder joint to case)
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One time only)
Distance:2mm Min(From solder joint to case)
260
°C3sec Max
5
°/sec
max
150
100
Time(sec)
Temp(
°C)
260°
2
°/sec
max
50
Preheat
25°
0
120°
Note: 1.Wave solder should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
PART NO. LA73B-1/2G.YG-S2-PF




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl