Selected language     English  ▼


LA73B-1-2G.YG-S2-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part No. LA73B-1-2G.YG-S2-PF
Description  LED ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo 

   
 3 page
background image
Typical Electrical & Optical Characteristics (Ta=25
)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/6
Symbol
Absolute Maximum Ratings
Parameter
Operating Temperature
Storage Temperature
Topr
Tstg
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
Forward Current
Power Dissipation
Ir
IF
10
30
PD
IFP
100
120
Absolute Maximum Ratings at Ta=25
UNIT
μA
mA
mW
mA
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Forward
voltage
@20mA(V)
Peak
wave
length
λPnm
Spectral
halfwidth
△λnm
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@10mA(mcd)
G
PART NO
MATERIAL
COLOR
Emitted
Lens
Min. Max.
Typ.
Min.
LA73B-1/2G.YG-S2-PF
GaAsP/GaP Yellow
White Diffused
GaP
Green
585
35
2.6
1.7
4.5
12
50
60
-40 ~ +100
-40 ~ +85
10
20
80
Y
Green Diffused
Green
GaP
50
2.6
8.0
15
1.7
30
565
50
2.6
12
20
1.7
30
565
PART NO. LA73B-1/2G.YG-S2-PF




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl