Selected language     English  ▼


LA73B-1 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part No. LA73B-1
Description  LED ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo 

   
 4 page
background image
5.0
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
100
550
Wavelength (nm)
500
400
450
0.0
0.5
1.0
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature()
0.8
-40
-20
0
20
40
80
60
1.1
1.0
0.9
1.2
Fig.3 Forward Voltage vs. Temperature
100
Forward Voltage(V)
1.0
2.0
0.1
3.0
4.0
1.0
10
1000
DBK CHIP
0.5
80
60
40
20
0
Ambient Temperature()
0.0
-20
-40
100
2.5
1.5
1.0
2.0
3.0
Fig.4 Relative Intensity vs. Temperature
Page 3/7
2.5
0.5
Forward Current(mA)
1.0
0.0
10
100
1000
1.5
1.0
2.0
Fig.2 Relative Intensity vs. Forward Current
3.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LA73B-1/DBK.VA.VG-3-PF




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl