Selected language     English  ▼


LA73B-1 Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part No. LA73B-1
Description  LED ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo 

   
 2 page
background image
Note : 1.All dimension are in millimeter tolerance is ±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
Page
PART NO. LA
Package Dimensions
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LVA2641-1
-
LVG2641-1
+
1.5MAX
25.0MIN
1.0MIN
2.54TYP
0.5
TYP
3.3
4.3
3.1
2.9
73B-1/DBK.VA.VG-3-PF
1/7
4.65±0.5
2.4±0.5
5.08
□0.5
TYP
2.54TYP
+ -
2.5
3.0±0.5
VG
ψ
2.9X3
4.4
VA
DBK
15.3
9.65±0.5
7.15±0.5
11.6
LDBK2643




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl