Selected language     English  ▼


LA73B-1 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part No. LA73B-1
Description  LED ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo 

   
 3 page
background image
Typical Electrical & Optical Characteristics (Ta=25 )
Symbol
ESD
Tsol
Topr
Tstg
IF
PD
IFP
Absolute Maximum Ratings at Ta=25
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2. The luminous intensity data did not including ±15% testing tolerance.
COLOR
Operating Temperature
PART NO
MATERIAL
Emitted
Soldering Temperature
Storage Temperature
Forward Current
Electrostatic Discharge
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Parameter
-20 ~ +80
Viewing
angle
2θ 1/2
(deg)
Forward
voltage
@
mA(V)
Peak
wave
length
λ
Pnm
Spectral
halfwidth
△λ
nm
Luminous
intensity
@20mA(mcd)
Typ.
Lens
Max.
Typ.
Min.
Max 260for 5 sec Max
(2mm from body)
-30 ~ +100
Page
mA
30
Ir
50
120
100
V
μA
mA
mW
Ratings
DBK
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LA
2000
120
100
10
30
VG
Dominant
wave
length
λ
Dnm
590
----
AlGaInP
LA73B-1/DBK.VA.VG-3-PF
GaP
Green Transparent
Orange Transparent
Green
Yellow
565
----
40
40
20
30
---
---
2.6
65
2.6 160
120
350
20
73B-1/DBK.VA.VG-3-PF
2/7
VA
30
60
75
10
150
InGaN/SiC Blue
----
470
30
3.5 4.0 350 700
30
Water Clear
Min.
---
1.7
1.7




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl