Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC551001BTRL-85L Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC551001BTRL-85L
Description  SILICON GATE CMOS 131,072 WORD x 8 BIT STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC551001BTRL-85L Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC551001BTRL-85L Datasheet HTML 1Page - Toshiba Semiconductor TC551001BTRL-85L Datasheet HTML 2Page - Toshiba Semiconductor TC551001BTRL-85L Datasheet HTML 3Page - Toshiba Semiconductor TC551001BTRL-85L Datasheet HTML 4Page - Toshiba Semiconductor TC551001BTRL-85L Datasheet HTML 5Page - Toshiba Semiconductor TC551001BTRL-85L Datasheet HTML 6Page - Toshiba Semiconductor TC551001BTRL-85L Datasheet HTML 7Page - Toshiba Semiconductor TC551001BTRL-85L Datasheet HTML 8Page - Toshiba Semiconductor TC551001BTRL-85L Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SR01020795
Static RAM
TC551001BPL/BFL/BFTL/BTRL-70L/85L
TOSHIBA AMERICA ELECTRONIC COMPONENTS, INC
.
3
* -3.0V at pulse width of 50ns Max.
DC and Operating Characteristics (Ta = 0 ~ 70ºC, VDD = 5V±10%)
Note: (1) In standby mode with CE1
≥ V
DD - 0.2V, these specification limits are guaranteed under the condition of CE2 ≥ VDD - 0.2V or CE2 ≤ 0.2V.
Note: This parameter is periodically sampled and is not 100% tested.
DC Recommended Operating Conditions
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDD
Power Supply Voltage
4.5
5.0
5.5
V
VIH
Input High Voltage
2.2
VDD + 0.3
VIL
Input Low Voltage
-0.3*
0.8
VDH
Data Retention Supply Voltage
2.0
5.5
SYMBOL
PARAMETER
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
ILI
Input Leakage Current
VIN = 0 ~ VDD
±1.0
µA
ILO
Output Leakage Current
CE1 = VIH or CE2 = VIL or R/W = VIL or
OE = VIH, VOUT = 0 ~ VDD
±1.0
µA
IOH
Output High Current
VOH = 2.4V
-1.0
mA
IOL
Output Low Current
VOL = 0.4V
4.0
mA
IDDO1
Operating Current
CE1 = VIL and CE2 = VIH
and R/W = VIH,
IOUT = 0mA
Other Inputs = VIH/VIL
tcycle
Min.
70
mA
1
µs
20
IDDO2
CE1 = 0.2V and
CE2 = VDD - 0.2V
R/W = VDD - 0.2V
IOUT = 0mA
Other Inputs
= VDD - 0.2V/0.2V
tcycle
Min.
60
1
µs
10
IDDS1
Standby Current
CE1 = VIH or CE2 = VIL
3
mA
IDDS2
(1)
CE1 = VDD - 0.2V or
CE2 = 0.2V
VDD = 2.0V ~ 5.5V
Ta = 0 ~ 70
°C
30
µA
Ta = 25
°C
2
4
Capacitance (Ta = 25ºC, f = 1MHz)
SYMBOL
PARAMETER
TEST CONDITION
MAX.
UNIT
CIN
Input Capacitance
VIN = GND
10
pF
COUT
Output Capacitance
VOUT = GND
10


Similar Part No. - TC551001BTRL-85L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC551001BTRL-85L TOSHIBA-TC551001BTRL-85L Datasheet
355Kb / 12P
   131,072-WORD BY 8-BIT STATIC RAM
1996-09-02
More results

Similar Description - TC551001BTRL-85L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC518128AP TOSHIBA-TC518128AP Datasheet
574Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BFL TOSHIBA-TC518129BFL Datasheet
477Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC551001AFI TOSHIBA-TC551001AFI Datasheet
453Kb / 8P
   131,072 WORD x 8 BIT STATIC RAM
TC551001AFL TOSHIBA-TC551001AFL Datasheet
297Kb / 10P
   131,072 WORD x 8 BIT STATIC RAM
TC518129AP TOSHIBA-TC518129AP Datasheet
301Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BPL TOSHIBA-TC518128BPL Datasheet
561Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129APL TOSHIBA-TC518129APL Datasheet
376Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL TOSHIBA-TC518129BPL Datasheet
548Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BFL TOSHIBA-TC518128BFL Datasheet
752Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC551001CP TOSHIBA-TC551001CP Datasheet
547Kb / 14P
   131,072 WORD x 8 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com