Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA73B-1-DBK.VA.VG-3-PF Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LA73B-1-DBK.VA.VG-3-PF
Description  LED ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA73B-1-DBK.VA.VG-3-PF Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LA73B-1-DBK.VA.VG-3-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA73B-1-DBK.VA.VG-3-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA73B-1-DBK.VA.VG-3-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA73B-1-DBK.VA.VG-3-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA73B-1-DBK.VA.VG-3-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA73B-1-DBK.VA.VG-3-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA73B-1-DBK.VA.VG-3-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LA73B-1-DBK.VA.VG-3-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5.0
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
100
550
Wavelength (nm)
500
400
450
0.0
0.5
1.0
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature()
0.8
-40
-20
0
20
40
80
60
1.1
1.0
0.9
1.2
Fig.3 Forward Voltage vs. Temperature
100
Forward Voltage(V)
1.0
2.0
0.1
3.0
4.0
1.0
10
1000
DBK CHIP
0.5
80
60
40
20
0
Ambient Temperature()
0.0
-20
-40
100
2.5
1.5
1.0
2.0
3.0
Fig.4 Relative Intensity vs. Temperature
Page 3/7
2.5
0.5
Forward Current(mA)
1.0
0.0
10
100
1000
1.5
1.0
2.0
Fig.2 Relative Intensity vs. Forward Current
3.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LA73B-1/DBK.VA.VG-3-PF


Similar Part No. - LA73B-1-DBK.VA.VG-3-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA73B-1-2G.YG-S2-PF LIGITEK-LA73B-1-2G.YG-S2-PF Datasheet
133Kb / 8P
   LED ARRAY
LA73B-1-3DBK-PF LIGITEK-LA73B-1-3DBK-PF Datasheet
109Kb / 6P
   LED ARRAY
LA73B-1-3E-PF LIGITEK-LA73B-1-3E-PF Datasheet
112Kb / 6P
   LED ARRAY
LA73B-1-3G-3-PF LIGITEK-LA73B-1-3G-3-PF Datasheet
108Kb / 6P
   LED ARRAY
LA73B-1-3G-PF LIGITEK-LA73B-1-3G-PF Datasheet
108Kb / 6P
   LED ARRAY
More results

Similar Description - LA73B-1-DBK.VA.VG-3-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com