Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5537WCTI-TRG Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL5537WCTI-TRG
Description  Dual Channel 300mA Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5537WCTI-TRG Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL5537WCTI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL5537WCTI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL5537WCTI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL5537WCTI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL5537WCTI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL5537WCTI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL5537WCTI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL5537WCTI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL5537WCTI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Oct., 2009
www.anpec.com.tw
8
APL5537
Block Diagram
Typical Application Circuit
V
IN
2.5V to 5.5V
V
OUT1
1.2V to 3.3V/300mA
C
IN
1
µF
C
OUT1
1
µF
VIN
VOUT1
GND
APL5537
V
OUT2
1.2V to 3.3V/300mA
C
OUT2
1
µF
VOUT2
EN1
EN2
ON
OFF
Over-
Temperature
Protection
VIN
GND
Current
Limit1
V
REF1
Short Circuit
Current Limit1
VOUT1
EN1
UVLO and
Shutdown
Control1
Current
Limit2
V
REF2
VOUT2
EN2
UVLO and
Shutdown
Control2
Over-
Temperature
Protection
Short Circuit
Current Limit2


Similar Part No. - APL5537WCTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
354Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
APL5537 ANPEC-APL5537 Datasheet
292Kb / 16P
   DualChannel 300mALowDropout Linear Regulator
APL55375MCTI-TRG ANPEC-APL55375MCTI-TRG Datasheet
354Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
APL55375MQBI-TRG ANPEC-APL55375MQBI-TRG Datasheet
354Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
APL55377MCTI-TRG ANPEC-APL55377MCTI-TRG Datasheet
354Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
More results

Similar Description - APL5537WCTI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537_11 Datasheet
354Kb / 16P
   Dual Channel 300mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com