Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5940 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5940
Description  4A, Ultra Low Dropout (0.30V Typical) Linear Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5940 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5940 Datasheet HTML 1Page - Anpec Electronics Coropration APL5940 Datasheet HTML 2Page - Anpec Electronics Coropration APL5940 Datasheet HTML 3Page - Anpec Electronics Coropration APL5940 Datasheet HTML 4Page - Anpec Electronics Coropration APL5940 Datasheet HTML 5Page - Anpec Electronics Coropration APL5940 Datasheet HTML 6Page - Anpec Electronics Coropration APL5940 Datasheet HTML 7Page - Anpec Electronics Coropration APL5940 Datasheet HTML 8Page - Anpec Electronics Coropration APL5940 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jul., 2009
APL5940
www.anpec.com.tw
2
Ordering and Marking Information
Symbol
Parameter
Rating
Unit
VIN
VIN Supply Voltage (VIN to GND)
-0.3 ~ 4.0
V
VCNTL
VCNTL Supply Voltage (VCNTL to GND)
-0.3 ~ 7
V
VOUT
VOUT to GND Voltage
-0.3 ~ VIN +0.3
V
POK to GND Voltage
-0.3 ~ 7
V
EN, FB to GND Voltage
-0.3 ~ VCNTL +0.3
V
PD
Power Dissipation
3
W
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Absolute Maximum Ratings (Note 1)
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 2)
SOP-8P
42
oC/W
θ
JC
Junction-to-Case Resistance in Free Air
(Note 3)
SOP-8P
18
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed pad
of SOP-8P is soldered directly on the PCB.
Note 3: The “Thermal Pad Temperature” is measured on the PCB copper area connected to the thermal pad of package.
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
1
2
3
4
8
7
6
5
VIN
Measured Point
PCB Copper
APL5940
Handling Code
Temperature Range
Package Code
Package Code
KA : SOP-8P
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Assembly Material
APL5940 KA :
APL5940
XXXXX
XXXXX - Date Code


Similar Part No. - APL5940

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5901-13DC ANPEC-APL5901-13DC Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5901-13KC ANPEC-APL5901-13KC Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5901-13UC ANPEC-APL5901-13UC Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5901-13VC ANPEC-APL5901-13VC Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
More results

Similar Description - APL5940

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5620 ANPEC-APL5620 Datasheet
397Kb / 18P
   2A, Ultra Low Dropout (0.24V Typical) Linear Regulator
APL5620 ANPEC-APL5620_10 Datasheet
430Kb / 18P
   2A, Ultra Low Dropout (0.24V Typical) Linear Regulator
APL5930 ANPEC-APL5930_13 Datasheet
353Kb / 20P
   3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5933A ANPEC-APL5933A Datasheet
445Kb / 23P
   3A, Ultra Low Dropout (0.19V Typical) Linear Regulator
APL5934 ANPEC-APL5934 Datasheet
622Kb / 24P
   3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5910 ANPEC-APL5910_09 Datasheet
400Kb / 17P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5920 ANPEC-APL5920 Datasheet
398Kb / 18P
   2A, Ultra Low Dropout (0.24V Typical) Linear Regulator
APL5910 ANPEC-APL5910 Datasheet
360Kb / 16P
   1A, Ultra Low Dropout (0.12V Typical) Linear Regulator
APL5932A ANPEC-APL5932A Datasheet
489Kb / 21P
   3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5932 ANPEC-APL5932 Datasheet
489Kb / 21P
   3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com