Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7088 Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APW7088
Description  Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7088 Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APW7088 Datasheet HTML 6Page - Anpec Electronics Coropration APW7088 Datasheet HTML 7Page - Anpec Electronics Coropration APW7088 Datasheet HTML 8Page - Anpec Electronics Coropration APW7088 Datasheet HTML 9Page - Anpec Electronics Coropration APW7088 Datasheet HTML 10Page - Anpec Electronics Coropration APW7088 Datasheet HTML 11Page - Anpec Electronics Coropration APW7088 Datasheet HTML 12Page - Anpec Electronics Coropration APW7088 Datasheet HTML 13Page - Anpec Electronics Coropration APW7088 Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Feb., 2009
APW7088
www.anpec.com.tw
10
Pin Description
PIN
NAME
FUNCTION
1
UGATE1
High-side Gate Driver Output for channel 1. Connect this pin to the gate of high-side MOSFET.
This pin is monitored by the adaptive shoot-through protection circuitry to determine when the
high-side MOSFET has turned off.
2
BOOT1
Bootstrap Supply for the floating high-side gate driver of channel 1. Connect the Bootstrap
capacitor between the BOOT1 pin and the PHASE1 pin to form a bootstrap circuit. The bootstrap
capacitor provides the charge to turn on the high-side MOSFET. Typical values for CBOOT ranged
from 0.1
µF to 1µF. Ensure that C
BOOT is placed near the IC.
3
5VCC
Internal Regulator Output. This is the output pin of the linear regulator, which is converting power
from VCC and provides output current up to 20 mA minimums for internal bias and external usage.
4
AGND
Signal Ground for the IC. All voltage levels are measured with respect to this pin. Tie this pin to
ground island/plane through the lowest impedance connection available.
5
MODE
Operation Phase Selection Input. Pulling this pin lower than 0.64V sets two-phase operation with
both channels enabled. Pulling this pin higher than 0.8V sets single-phase operation with the
channel 2 disabled. Once operating in single-phase mode, the operation mode is latched. It is
required to toggle SS or 5VCC pin to reset the IC.
6
CSP1
Positive Input of current sensing Amplifier for channel 1. This pin combined with CSN1 senses the
inductor current through an RC network.
7
CSN1
Negative Input of current sensing amplifier for channel 1. This pin combined with CSP1 senses
the inductor current through an RC network.
8
CSN2
Negative Input of current sensing amplifier for channel 2. This pin combined with CSP2 senses
the inductor current through an RC network.
9
CSP2
Positive Input of current sensing Amplifier for Channel 2. This pin combined with CSN2 senses the
inductor current through an RC network.
10
DROOP
Load Line (droop) Setting. Connect a resistor between this pin and AGND to set the droop. A
sourcing current, proportional to output current is present on the DROOP pin. The droop scale
factor is set by the resistors (connected with CSP1, CSP2, and DROOP), resistance of the output
inductors and the internal voltage divider with the ratio of 5%.
11
VID0
This is one of the inputs for the internal DAC that provides the reference voltage for output
regulation. This pin responds to logic threshold. The APW7088 decodes the VID inputs to
establish the output voltage; see VID Tables for correspondence between DAC codes and output
voltage settings. This pin is internally pulled high at floating status.
12
COMP
Error Amplifier Output. Connect the compensation network between COMP, FB, and VOUT for Type
2 or Type 3 feedback compensation.
13
FB
Feedback Voltage. This pin is the inverting input to the error comparator. A resistor divider from
the output to AGND is used to set the regulation voltage.
14
SS
Soft-start Current Output. Connect a capacitor from this pin to AGND to set the soft-start interval.
Pulling the voltage on this pin below 0.5V causes COMP to pull low and then shuts off the output.
15
VID1
One of DAC Inputs, same as VID0 and VID2.
16
POK
Power OK and 1.5V Reference Output. This pin is a reference output used to indicate the status of
the voltages on SS pin and FB pin. POK provides 1.5V reference if VFB> 87.5% of reference (VR).
17
BOOT2
Bootstrap Supply for the floating high-side gate driver of channel 2. Connect the Bootstrap
capacitor between the BOOT2 pin and the PHASE2 pin to form a bootstrap circuit. The bootstrap
capacitor provides the charge to turn on the high-side MOSFET. Typical values for CBOOT range
from 0.1
µF to 1µF. Ensure that C
BOOT is placed near the IC.
18
UGATE2
High-side Gate Driver Output for Channel 2. Connect this pin to the gate of high-side MOSFET.
This pin is monitored by the adaptive shoot-through protection circuitry to determine when the
high-side MOSFET has turned off.
19
PHASE2
Switch Node for Channel 2. Connect this pin to the source of high-side MOSFET and the drain of
the low-side MOSFET. This pin is used as sink for UGATE2 driver. This pin is also monitored by
the adaptive shoot-through protection circuitry to determine when the high-side MOSFET has
turned off. An Schottky diode between this pin and ground is recommended to reduce negative
transient voltage that is common in a power supply system.
20
LGATE2
Low-side Gate Driver Output for Channel 2. Connect this pin to the gate of low-side MOSFET.
This pin is monitored by the adaptive shoot-through protection circuitry to determine when the
low-side MOSFET has turned off.


Similar Part No. - APW7088

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7080 ANPEC-APW7080 Datasheet
793Kb / 23P
   4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7080KA ANPEC-APW7080KA Datasheet
793Kb / 23P
   4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7080KAI-TRG ANPEC-APW7080KAI-TRG Datasheet
793Kb / 23P
   4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7080KAI-TRL ANPEC-APW7080KAI-TRL Datasheet
793Kb / 23P
   4A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7083 ANPEC-APW7083 Datasheet
428Kb / 22P
   5A, 26V, 380kHz, Synchronous Step-Down Converter
More results

Similar Description - APW7088

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6567 RENESAS-ISL6567 Datasheet
1Mb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 RENESAS-ISL6563 Datasheet
931Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 RENESAS-ISL8101 Datasheet
904Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com