Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7142 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APW7142
Description  3A, 12V, Synchronous-Rectified Buck Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7142 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APW7142 Datasheet HTML 5Page - Anpec Electronics Coropration APW7142 Datasheet HTML 6Page - Anpec Electronics Coropration APW7142 Datasheet HTML 7Page - Anpec Electronics Coropration APW7142 Datasheet HTML 8Page - Anpec Electronics Coropration APW7142 Datasheet HTML 9Page - Anpec Electronics Coropration APW7142 Datasheet HTML 10Page - Anpec Electronics Coropration APW7142 Datasheet HTML 11Page - Anpec Electronics Coropration APW7142 Datasheet HTML 12Page - Anpec Electronics Coropration APW7142 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Mar., 2009
APW7142
www.anpec.com.tw
9
Operating Waveforms (Cont.)
Line Transient
(Refer to the application circuit 1 in the section “Typical Application Circuits”, V
IN=12V, VOUT=3.3V, L1=4.7µH)
Over Voltage Protection
V
IN
V
OUT
I
L1
1
2
4
3
V
LX
I
OUT=-1A
CH1 : V
IN , 5V/div
CH2 : V
OUT , 2V/div
CH4 : I
L1 , 5A/div
Time : 20
µs/div
CH3 : V
LX , 5V/div
V
IN
V
OUT
I
L1
CH1 : V
IN , 5V/div
CH2 : V
OUT , 50mV/div (Voffset=3.3V)
Time : 100
µs/div
1
2
3
CH3 : I
L1 , 2A/div
V
IN= 5~12V
V
IN rising/falling time=20µs
Switching Waveform
Switching Waveform
CH1 : V
LX , 5V/div
CH2 : I
L1 , 2A/div
Time : 1
µs/div
I
L1
V
LX
I
OUT=0.2A
1
2
CH1 : V
LX , 5V/div
CH2 : I
L1 , 2A/div
Time : 1
µs/div
V
LX
I
L1
I
OUT=3A
1
2


Similar Part No. - APW7142

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7142 ANPEC-APW7142 Datasheet
524Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7142KI-TRG ANPEC-APW7142KI-TRG Datasheet
524Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7142 ANPEC-APW7142_10 Datasheet
524Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
More results

Similar Description - APW7142

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7145 ANPEC-APW7145_09 Datasheet
557Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145 Datasheet
526Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7142 ANPEC-APW7142_10 Datasheet
524Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_11 Datasheet
559Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
logo
uPI Group Inc.
UP1735 UPI-UP1735 Datasheet
236Kb / 13P
   3A, 23V, High-Efficiency Synchronous-Rectified Buck Converter
UP1989 UPI-UP1989 Datasheet
231Kb / 13P
   Synchronous-Rectified Buck Converter
UP1988 UPI-UP1988 Datasheet
221Kb / 13P
   Synchronous-Rectified Buck Converter
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
   5V/12V Synchronous-Rectified Buck Controller
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
   5V/12V Synchronous-Rectified Buck Controller
UP1965S UPI-UP1965S Datasheet
194Kb / 11P
   Synchronous-Rectified Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com