Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7207 Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APW7207
Description  1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7207 Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APW7207 Datasheet HTML 4Page - Anpec Electronics Coropration APW7207 Datasheet HTML 5Page - Anpec Electronics Coropration APW7207 Datasheet HTML 6Page - Anpec Electronics Coropration APW7207 Datasheet HTML 7Page - Anpec Electronics Coropration APW7207 Datasheet HTML 8Page - Anpec Electronics Coropration APW7207 Datasheet HTML 9Page - Anpec Electronics Coropration APW7207 Datasheet HTML 10Page - Anpec Electronics Coropration APW7207 Datasheet HTML 11Page - Anpec Electronics Coropration APW7207 Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Dec., 2009
APW7207
www.anpec.com.tw
8
Function Description
Main Control Loop
The APW 7207 is a constant frequency current-mode
switching regulator. During normal operation, the inter-
nal N-channel power MOSFET is turned on each cycle
when the oscillator sets an internal RS latch and turned
off when an internal comparator (ICMP) resets the latch.
The peak inductor current at which ICMP resets the RS
latch is controlled by the voltage on the COMP node, which
is the output of the error amplifier (EAMP). An external
resistive divider connected between V
OUT and ground al-
lows the EAMP to receive an output feedback voltage V
FB
at FB pin. When the load current increases, it causes a
slightly decrease in V
FB relative to the 0.2V reference, which
in turn causes the COMP voltage to increase until the
average inductor current matches the new load current.
VIN Under-Voltage Lockout (UVLO)
The Under-Voltage Lockout (UVLO) circuit compares the
input voltage at VIN with the UVLO threshold (2.3V rising,
typical) to ensure the input voltage is high enough for
reliable operation. The 100mV (typ) hysteresis prevents
supply transients from causing a restart. Once the input
voltage exceeds the UVLO rising threshold, start-up
begins. When the input voltage falls below the UVLO fall-
ing threshold, the controller turns off the converter.
Soft-Start
The APW7207 has a built-in soft-start to control the N-
channel MOSFET current rise during start-up. During soft-
start, an internal ramp, connected to one of the inverting
inputs, raise up to replace the output voltage of error am-
plifier until the ramp voltage reaches the V
COMP.
Current-Limit Protection
The APW 7207 monitors the inductor current, flowing
through the N-channel MOSFET, and limits the current
peak at current-limit level to prevent loads and the
APW7207 from damages during overload or short-circuit
conditions.
Over-Temperature Protection (OTP)
The over-temperature circuit limits the junction tempera-
ture of the APW7207. When the junction temperature ex-
ceeds 150οC, a thermal sensor turns off the power
MOSFET, allowing the devices to cool. The thermal sen-
sor allows the converters to start a soft-start process and
regulate the output voltage again after the junction tem-
perature cools by 40οC. The OTP is designed with a 40οC
hysteresis to lower the average Junction Temperature
(T
J) during continuous thermal overload conditions, in-
creasing the lifetime of the device.
Enable/Shutdown
Driving EN to ground places the APW7207 in shutdown
mode. When in shutdown, the internal power MOSFET
turns off, all internal circuitry shuts down and the quiescnet
supply current reduces to 1
µA maximum.
Open-LED Protection
In driving LED applications, the feedback voltage on FB
pin falls down if one of the LEDs, in series, is failed.
Meanwhile, the converter unceasingly boosts the output
voltage like a open-loop operation. Therefore, an over-
voltage protection (OVP), monitoring the output voltage
via OVP pin, is integrated into the chip to prevent the LX
and the output voltages from exceeding their maximum
voltage ratings. When the voltage on the OVP pin rises
above the OVP threshold (28V typical), the converter stops
switching and prevents the output voltage from rising.
The converter can work again when the falling OVP volt-
age falls below the OVP voltage threshold.
This pin also could be used as a digital input allowing
brightness control using a PWM signal from 100Hz to
100kHz. The 0% duty cycle of PWM signal corresponds to
zero LEDs current and 100% corresponds to full one.


Similar Part No. - APW7207

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7207A ANPEC-APW7207A Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
APW7207CTI-TRG ANPEC-APW7207CTI-TRG Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
APW7207QBI-TRG ANPEC-APW7207QBI-TRG Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
More results

Similar Description - APW7207

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7208 ANPEC-APW7208 Datasheet
341Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7136A ANPEC-APW7136A Datasheet
423Kb / 15P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
APW7136A ANPEC-APW7136A_10 Datasheet
359Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
logo
TECHCODE SEMICONDUCTOR,...
TD8202 TECHCODE-TD8202 Datasheet
989Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
logo
Anpec Electronics Corop...
APW7209 ANPEC-APW7209 Datasheet
377Kb / 14P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
APW7209 ANPEC-APW7209_13 Datasheet
375Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
logo
AMETHERM Circuit Protec...
AME5144 AMETHERM-AME5144 Datasheet
137Kb / 15P
   High Efficiency, 37V Step-Up Converter for 2 to 10 White LEDs
logo
Maxim Integrated Produc...
MAX1553 MAXIM-MAX1553 Datasheet
347Kb / 11P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
19-2875; Rev 0; 6/03
MAX1553 MAXIM-MAX1553_15 Datasheet
225Kb / 10P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
Rev 2; 5/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com