Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC5565APL-12 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC5565APL-12
Description  65,536 bit static random access memory organized as 8,192 words by 8 bits using CMOS technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC5565APL-12 Datasheet(HTML) 8 Page - Toshiba Semiconductor

  TC5565APL-12 Datasheet HTML 1Page - Toshiba Semiconductor TC5565APL-12 Datasheet HTML 2Page - Toshiba Semiconductor TC5565APL-12 Datasheet HTML 3Page - Toshiba Semiconductor TC5565APL-12 Datasheet HTML 4Page - Toshiba Semiconductor TC5565APL-12 Datasheet HTML 5Page - Toshiba Semiconductor TC5565APL-12 Datasheet HTML 6Page - Toshiba Semiconductor TC5565APL-12 Datasheet HTML 7Page - Toshiba Semiconductor TC5565APL-12 Datasheet HTML 8Page - Toshiba Semiconductor TC5565APL-12 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TC5565APL-10, TC5565APL-12, TC5565APL-15
TC5565AFL-10, TC5565AFL-12, TC5565AFL-15
Note 2 :
In \CE1 controlled data retention mode, minimum standby current mode is achieved under the condition Of CE2<= O.2V Or
CE2>= VDD -0.2V.
3 :
If the VIH of \CE1 is 2.2V in operation, IDDS1 current flows during the period that the VDD voltage is going down from 4.5V to
2.4V,
4 ;
In CE2 controlled data retention mode, minimum standby current mode is achieved under the condition of CE2 <= 0.2V.
DEVICE INFORMATION
The TC5565APL/AFL is an synchronous RAM using address activated circuit technology, thus the internal operation is synchronous.
Then once row address change occur, the precharge operation is executed by internal pulse generated from row address transient.
Therefore the peak current flows only after row address change, as shown in the following figure.
This peak current may induce the noise on VDD /GND lines. Thus the use of about 0.1uF decoupling capacitor for every device is
recommended to eliminate such noise.


Similar Part No. - TC5565APL-12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC5561J TOSHIBA-TC5561J Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561J-45 TOSHIBA-TC5561J-45 Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561J-55 TOSHIBA-TC5561J-55 Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561J-70 TOSHIBA-TC5561J-70 Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
TC5561P TOSHIBA-TC5561P Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
More results

Similar Description - TC5565APL-12

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
GM76C88AL LG-GM76C88AL Datasheet
560Kb / 11P
   65,536 Bit static random access memory organized as 8,192 words by 8 bits using CMOS
logo
ACCUTEK MICROCIRCUIT CO...
AK63264AW ACCUTEK-AK63264AW Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK62464Z ACCUTEK-AK62464Z Datasheet
177Kb / 2P
   65,536 x 24 Bit CMOS/BiCMOS Static Random Access Memory
AK63264W ACCUTEK-AK63264W Datasheet
243Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK63264BZ ACCUTEK-AK63264BZ Datasheet
91Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
logo
Toshiba Semiconductor
TMM2018AP TOSHIBA-TMM2018AP Datasheet
338Kb / 6P
   16,384 bits high speed and low power static random access memory organized as 2,048 words by 8 bits and operates from a single 5V supply
logo
Fujitsu Component Limit...
MB8464A FUJITSU-MB8464A Datasheet
263Kb / 11P
   CMOS 65,536 Static Random Access Memory with Data Retention Mode
logo
List of Unclassifed Man...
HM6708SH ETC1-HM6708SH Datasheet
453Kb / 11P
   65536-WORDS X 4 BITS HIGH SPEED STATIC RANDOM ACCESS MEMORY
logo
ACCUTEK MICROCIRCUIT CO...
AK68512D1C ACCUTEK-AK68512D1C Datasheet
128Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
logo
Motorola, Inc
MCM60L256A-C MOTOROLA-MCM60L256A-C Datasheet
348Kb / 8P
   32K x 8 Bit CMOS Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com