Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX9267XI-TRG Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APX9267XI-TRG
Description  Single-Phase Full-Wave Motor Driver for Silent Fan Motor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9267XI-TRG Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APX9267XI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APX9267XI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APX9267XI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APX9267XI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APX9267XI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APX9267XI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APX9267XI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APX9267XI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APX9267XI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Mar., 2008
APX9267
www.anpec.com.tw
4
Operating Waveforms
Rotation Waveform 1
Rotation Waveform 2
V
IN+(50mV/div)
V
IN-(50mV/div)
V
OUT1(2V/div)
V
OUT2(2V/div)
Time (0.2ms/div)
Rotation Waveform 3
Rotation Waveform 4
I
IN(100mA/div)
V
OUT1(5V/div)
V
OUT2(5V/div)
V
FG(5V/div)
Time (2ms/div)
I
IN(100mA/div)
V
OUT1(5V/div)
V
OUT2(5V/div)
V
FG(5V/div)
Time (0.2ms/div)
Lock Protection Waveform 1
Lock Protection Waveform 2
Time (2s/div)
Time (2s/div)
I
OUT(200mA/div)
V
OUT1(5V/div)
V
OUT2(5V/div)
V
FG(5V/div)
I
OUT(200mA/div)
V
OUT1(5V/div)
V
OUT2(5V/div)
V
FG(5V/div)
V
IN+(50mV/div)
V
IN-(50mV/div)
V
OUT1(2V/div)
V
OUT2(2V/div)
Time (0.2ms/div)


Similar Part No. - APX9267XI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9262P ANPEC-APX9262P Datasheet
194Kb / 15P
   Direct PWM Variable Speed Fan Motor Driver
APX9262PNI-TRG ANPEC-APX9262PNI-TRG Datasheet
194Kb / 15P
   Direct PWM Variable Speed Fan Motor Driver
APX9266 ANPEC-APX9266 Datasheet
291Kb / 14P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9266XI-TRG ANPEC-APX9266XI-TRG Datasheet
291Kb / 14P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9266XI-TRL ANPEC-APX9266XI-TRL Datasheet
291Kb / 14P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
More results

Similar Description - APX9267XI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9275 ANPEC-APX9275 Datasheet
245Kb / 16P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9277 ANPEC-APX9277 Datasheet
214Kb / 15P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9266 ANPEC-APX9266 Datasheet
291Kb / 14P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
logo
Diodes Incorporated
AM9789 DIODES-AM9789 Datasheet
622Kb / 18P
   Single Phase Full-wave Motor Driver for Silent Fan Motor
logo
Anpec Electronics Corop...
APX9275A ANPEC-APX9275A Datasheet
245Kb / 16P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9258 ANPEC-APX9258 Datasheet
947Kb / 18P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9268 ANPEC-APX9268 Datasheet
245Kb / 13P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9268A ANPEC-APX9268A Datasheet
1Mb / 14P
   Single-Phase Full-Wave Motor Driver for Silent Fan Motor
logo
Rohm
BH6789FVM ROHM-BH6789FVM Datasheet
222Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BA6908F ROHM-BA6908F_1 Datasheet
232Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com