Electronic Components Datasheet Search |
|
APX9270NI-TRL Datasheet(PDF) 3 Page - Anpec Electronics Coropration |
|
APX9270NI-TRL Datasheet(HTML) 3 Page - Anpec Electronics Coropration |
3 / 17 page Copyright © ANPEC Electronics Corp. Rev. A.3 - Jun., 2008 APX9270 www.anpec.com.tw 3 APX9270 Symbol Parameter Test Conditions Min. Typ. Max. Unit SUPPLY CURRENT V6VREG 6VREG Pin Output Voltage I6VREG = 5mA 5.85 6 6.15 V VHB HB Pin Output Voltage IHB = 5mA 1.2 1.3 1.4 V ICC1 Rotation Mode - 6 8 mA ICC2 Operating Current Lock Protection Mode - 6 8 mA OSCILLATOR IOSC1 OSC Charge Current 7.5 10 12.5 µA IOSC2 OSC Discharge Current 7.5 10 12.5 µA LOCK PROTECTION VCTH CT Pin High Level Voltage CCT = 1 µF 3.4 3.6 3.8 V VCTL CT Pin Low Level Voltage CCT = 1 µF 1.4 1.6 1.8 V ICT1 CT Charge Current VCT = 0V 1.65 2.2 2.75 µA ICT2 CT Discharge Current VCT = 3.6V 0.165 0.22 0.275 µA RCT CT Charge/Discharge Current Ratio RCT = ICT1/ICT2 8 10 12 - OUTPUT DRIVERS VOL Output Lower Side Saturation IOUT = 400mA - 0.2 0.3 V VOH Output Upper Side Saturation IOUT = 400mA - 0.4 0.6 V VFG FG Pin Low Voltage IFG = 5mA - 0.2 0.4 V IFGL FG Pin Leak Current VFG = 7V - 0.1 1 µA HALL SENSITIVITY VHN Hall Input Sensitivity Zero to peak including offset and hysteresis - 25 35 mV CURRENT-LIMIT ILIM Internal Current-Limit - 1200 - mA IRL External Current-Limit RL= 0.5 Ω - 960 - mA THERMAL PROTECTION Thermal Protection Temperature - 160 - Thermal Protection Hysteresis - 20 - °C Over-Voltage Protection VOV Over-Voltage Threshold - 16.5 - V Electrical Characteristics (V CC = 12V, TA = 25°C, RL= 0Ω, unless otherwise specified) |
Similar Part No. - APX9270NI-TRL |
|
Similar Description - APX9270NI-TRL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |