Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTP26010-S0 Datasheet(PDF) 3 Page - RFHIC

Part # RTP26010-S0
Description  GaN-SiC Pallet Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RTP26010-S0 Datasheet(HTML) 3 Page - RFHIC

  RTP26010-S0 Datasheet HTML 1Page - RFHIC RTP26010-S0 Datasheet HTML 2Page - RFHIC RTP26010-S0 Datasheet HTML 3Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
G
Ga
aN
N--S
SiiC
C P
Pa
alllle
ett A
Am
mp
plliiffiie
er
r
R
RT
TP
P2
26
60
01
10
0--S
S0
0
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.3
S-Parameter vs. Frequency
WCDMA 4FA Signal @ 2500MHz
WCDMA 4FA Signal @ 2550MHz
WCDMA 4FA Signal @ 2600MHz
WCDMA 4FA Signal @ 2650MHz
WCDMA 4FA Signal @ 2700MHz
RFHIC Corporation (RFHIC) reserves the right to make changes to any products herein or to discontinue any product at any time without notice. RFHIC do not
assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including without limitation consequential or
incidental damages. The product specifications herein expressed have been carefully checked and are assumed to be reliable. However, RFHIC disclaims liability for
inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase orders. RFHIC products are not
intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or sells
such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC and its directors, officers, stockholders,
employees, representatives and distributors harmless against any and all claims arising out of such use. RFHIC’s liability under or arising out of damages, claims of
whatsoever kind and nature which RFHIC products could cause shall be limited in amount to the net purchase price of the products sold to buyer by RFHIC
.


Similar Part No. - RTP26010-S0

ManufacturerPart #DatasheetDescription
logo
RFHIC
RTP26010-10 RFHIC-RTP26010-10 Datasheet
115Kb / 2P
   GaN-SiC Pallet Amplifier
RTP26010-12 RFHIC-RTP26010-12 Datasheet
444Kb / 6P
   RTP26010-12 has been designed for RF system application frequencies from 2496MHz to 2690MHz, with high gain.
RTP26010-N1 RFHIC-RTP26010-N1 Datasheet
173Kb / 4P
   The RTP26010-N1 is designed for RF system application frequencies from 2570MHz to 2690MHz, with high gain.
More results

Similar Description - RTP26010-S0

ManufacturerPart #DatasheetDescription
logo
RFHIC
RTP26020-S0 RFHIC-RTP26020-S0 Datasheet
318Kb / 3P
   GaN-SiC Pallet Amplifier
RTP26020-10 RFHIC-RTP26020-10 Datasheet
114Kb / 2P
   GaN-SiC Pallet Amplifier
RTP26010-10 RFHIC-RTP26010-10 Datasheet
115Kb / 2P
   GaN-SiC Pallet Amplifier
RUP15050-10 RFHIC-RUP15050-10 Datasheet
168Kb / 4P
   GaN-SiC Broadband Amplifier
RUP15030-10 RFHIC-RUP15030-10_14 Datasheet
222Kb / 7P
   GaN-SiC Broadband Amplifier
RUP15050-12 RFHIC-RUP15050-12 Datasheet
212Kb / 6P
   GaN-SiC Broadband Amplifier
RUP15020-10 RFHIC-RUP15020-10 Datasheet
166Kb / 4P
   GaN-SiC Broadband Amplifier
RUP15030-10 RFHIC-RUP15030-10 Datasheet
173Kb / 4P
   GaN-SiC Broadband Amplifier
RUP15020-10 RFHIC-RUP15020-10_14 Datasheet
219Kb / 7P
   GaN-SiC Broadband Amplifier
RUP15020-11 RFHIC-RUP15020-11 Datasheet
200Kb / 4P
   GaN-SiC Broadband Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com