Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE314 Datasheet(PDF) 1 Page - RFHIC

Part # AE314
Description  E-pHEMT MMIC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE314 Datasheet(HTML) 1 Page - RFHIC

  AE314 Datasheet HTML 1Page - RFHIC AE314 Datasheet HTML 2Page - RFHIC AE314 Datasheet HTML 3Page - RFHIC AE314 Datasheet HTML 4Page - RFHIC AE314 Datasheet HTML 5Page - RFHIC AE314 Datasheet HTML 6Page - RFHIC AE314 Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AE
E3
31
14
4
(Preliminary)
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.3
0B
Product Features
1B
Application
• Low Noise Figure
• Higher Gain
• Higher linearity
• SOT89 SMD Type package
• Higher productivity
• Lower manufacturing cost
• -64dBc CSO 135 Channels @ +20dBmV/ch
• -74dBc CTB 135 Channels @ +20dBmV/ch
• -82dBc XMD 135 Channels @ +20dBmV/ch
• Pb-free/RoHS compliant
• Low Noise Amplifier for
CATV, Satellite
• Cable Modem
• FTTH (G-PON, GE-PON)
• Optical node
2B
Description
AE314 is designed as low cost drive amplifiers for many applications including FTTH, CATV System.
This MMIC is based on Gallium Arsenide Enhancement Mode pHEMT which shows low current draw and very low noise.
The data in this spec sheet is valid only for 75 ohm application.
3B
◎ Specifications (50MHz~2200MHz)
4B
PARAMETER
UNIT
MIN
TYP
MAX
Condition
Frequency
MHz
50 ~ 2200
Gain
dB
21.3
19.2
At 500MHz
At 2000MHz
Gain Flatness
2.5
Input Return Loss
dB
-8
-4.3
Output Return Loss
dB
-8
-3.5
Output IP3
dBm
33
36
At 1000MHz/+10dBm 2tone
1dB Compression Point
dBm
19
22
At 1000MHz
Noise Figure
dB
2
3
CSO
dBc
-64
135 channel, +20dBmV/ch
CTB
dBc
-74
135 channel, +20dBmV/ch
XMOD
30 ~ 870MHz
dBc
-82
135 channel, +20dBmV/ch
DC Current
mA
100
Vdd = 5.0V
Absolute Minimum and Maximum Ratings
5B
PARAMETER
UNIT
MIN
TYP
MAX
Device Voltage
VDC
+5
+5.5
Operating Temperature
-40
+85
Storage Temperature
-40
+150
NOTE
1. Test conditions unless otherwise noted. Ta=25℃, Vdd=+5V, 75Ω system
2. OIP3 measured with 2 tones at an output power of +10dBm/tone separated by 1MHz, Test Freq = 1000MHz
Package : SOT-89


Similar Part No. - AE314

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE314 RFHIC-AE314_14 Datasheet
19Mb / 13P
   a drive or pre-drive amplifier designed in a low cost SOT-89 package.
More results

Similar Description - AE314

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE312 RFHIC-AE312 Datasheet
232Kb / 3P
   E-pHEMT MMIC
AE384 RFHIC-AE384 Datasheet
230Kb / 4P
   E-pHEMT MMIC
AE362 RFHIC-AE362 Datasheet
260Kb / 5P
   E-pHEMT MMIC
AE365 RFHIC-AE365 Datasheet
206Kb / 3P
   E-pHEMT MMIC
AE618 RFHIC-AE618 Datasheet
202Kb / 3P
   E-pHEMT MMIC
AE514 RFHIC-AE514 Datasheet
276Kb / 5P
   E-pHEMT MMIC
AE427 RFHIC-AE427 Datasheet
222Kb / 3P
   E-pHEMT MMIC
AD412 RFHIC-AD412 Datasheet
306Kb / 6P
   E-pHEMT MMIC
AE617 RFHIC-AE617 Datasheet
209Kb / 3P
   E-pHEMT MMIC
AE414 RFHIC-AE414 Datasheet
300Kb / 5P
   E-pHEMT MMIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com