Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE384 Datasheet(PDF) 1 Page - RFHIC

Part # AE384
Description  E-pHEMT MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE384 Datasheet(HTML) 1 Page - RFHIC

  AE384 Datasheet HTML 1Page - RFHIC AE384 Datasheet HTML 2Page - RFHIC AE384 Datasheet HTML 3Page - RFHIC AE384 Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
E
E--p
pH
HE
EM
MT
T M
MM
MIIC
C
A
AE
E3
38
84
4
(Preliminary)
Product Features
Application
• 50 ~ 6000MHz
• GaAs E-pHEMT MMIC
• Higher linearity
• Low Noise Figure
• High Max input power
• SOT-89 SMD Type package
• Higher productivity
• Lower manufacturing cost
• Pb Free / RoHS Standard
• Cellular, GSM
• PCS, W-CDMA
• Wibro, WiMax
Description
AE384 is a drive or pre-drive amplifier designed in a low cost SOT-89 package.
This MMIC is based on Gallium Arsenide Enhancement Mode pHEMT which shows low current and high IP3.
It is designed as driver devices for infrastructure equipment in the 50~6000MHz Wireless technologies such as Cellular, GSM,
PCS, W-CDMA, Wibro, WiMax System.
The data in this spec sheet is valid only for 50 ohm application.
Specifications
Package : SOT-89
PARAMETER
UNIT
MIN
TYP
MAX
Remark
Frequency Range
MHz
50 ~ 6000
Gain
dB
14
Input Return Loss
dB
-20
Output Return Loss
dB
-14
Output IP3
dBm
36
39
1dB Compression Point
dBm
21
24
W-CDMA Power (4FA)
dBm
14
Noise Figure
dB
1.4
1.9
DC Current
mA
100
Supply Voltage
V
5
NOTE
1. Test conditions unless otherwise noted. Freq=1900~2200MHz, Vdd=+5V, Ta=25 ,
50Ω system
2. OIP3 measured with 2 tones at an output power of +10dBm/tone separated by 1MHz
3. Test Model 1, 64DPCH, 3.84MHz BW, @±5MHz and ±10MHz offset
Absolute Minimum and Maximum Ratings
PARAMETER
UNIT
MIN
TYP
MAX
Device Voltage
V
+5
+6
Operating Temperature
-40
+85
Storage Temperature
-40
+150
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.2


Similar Part No. - AE384

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AE30 ETC2-AE30 Datasheet
85Kb / 1P
   CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
RFHIC
AE305 RFHIC-AE305 Datasheet
723Kb / 11P
   a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE308 RFHIC-AE308 Datasheet
308Kb / 3P
   E-pHEMT
AE308 RFHIC-AE308_14 Datasheet
347Kb / 4P
   CATV Amplifier
AE312 RFHIC-AE312 Datasheet
232Kb / 3P
   E-pHEMT MMIC
More results

Similar Description - AE384

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE312 RFHIC-AE312 Datasheet
232Kb / 3P
   E-pHEMT MMIC
AE362 RFHIC-AE362 Datasheet
260Kb / 5P
   E-pHEMT MMIC
AE365 RFHIC-AE365 Datasheet
206Kb / 3P
   E-pHEMT MMIC
AE618 RFHIC-AE618 Datasheet
202Kb / 3P
   E-pHEMT MMIC
AE514 RFHIC-AE514 Datasheet
276Kb / 5P
   E-pHEMT MMIC
AE314 RFHIC-AE314 Datasheet
264Kb / 7P
   E-pHEMT MMIC
AE427 RFHIC-AE427 Datasheet
222Kb / 3P
   E-pHEMT MMIC
AD412 RFHIC-AD412 Datasheet
306Kb / 6P
   E-pHEMT MMIC
AE617 RFHIC-AE617 Datasheet
209Kb / 3P
   E-pHEMT MMIC
AE414 RFHIC-AE414 Datasheet
300Kb / 5P
   E-pHEMT MMIC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com