Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z65DBTR-R1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z65DBTR-R1
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z65DBTR-R1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ20Z65DBTR-R1 Datasheet HTML 2Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 3Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 4Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 5Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 6Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 7Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 8Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 9Page - Texas Instruments BQ20Z65DBTR-R1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
bq20z65-R1
SLUS990 – DECEMBER 2009
www.ti.com
RECOMMENDED OPERATING CONDITIONS (continued)
Over operating free-air temperature range (unless otherwise noted)
PIN
MIN
NOM
MAX
UNIT
VC(n)-VC(n+1); n = 1,2,3,4
0
5
V
VC1, VC2, VC3, VC4
0
VSS
V
VIN
Input voltage range
VC5
0
0.5
V
ASRN, ASRP
–0.5
0.5
V
PACK, PMS
0
25
V
V(GPOD)
Output voltage range
GPOD
0
25
V
I(GPOD)
Drain current(1)
GPOD
1
mA
C(REG25)
2.5V LDO capacitor
REG25
1
µF
C(REG33)
3.3V LDO capacitor
REG33
2.2
µF
C(VCELL+)
Cell voltage output capacitor
VCELL+
0.1
µF
R(PACK)
PACK input block resistor(2)
PACK
1
k
(1)
Use an external resistor to limit the current to GPOD to 1mA in high voltage application.
(2)
Use an external resistor to limit the inrush current PACK pin required.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): bq20z65-R1


Similar Part No. - BQ20Z65DBTR-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z655-R1 TI1-BQ20Z655-R1 Datasheet
644Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655DBT TI1-BQ20Z655DBT Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z655DBT-R1 TI-BQ20Z655DBT-R1 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION
More results

Similar Description - BQ20Z65DBTR-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655-R1 TI1-BQ20Z655-R1 Datasheet
644Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z70 TI1-BQ20Z70_15 Datasheet
788Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z80 TI1-BQ20Z80_14 Datasheet
1Mb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z75 TI-BQ20Z75 Datasheet
584Kb / 21P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com