Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ3060PWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ3060PWR
Description  SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION with CEDV
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3060PWR Datasheet(HTML) 2 Page - Texas Instruments

  BQ3060PWR Datasheet HTML 1Page - Texas Instruments BQ3060PWR Datasheet HTML 2Page - Texas Instruments BQ3060PWR Datasheet HTML 3Page - Texas Instruments BQ3060PWR Datasheet HTML 4Page - Texas Instruments BQ3060PWR Datasheet HTML 5Page - Texas Instruments BQ3060PWR Datasheet HTML 6Page - Texas Instruments BQ3060PWR Datasheet HTML 7Page - Texas Instruments BQ3060PWR Datasheet HTML 8Page - Texas Instruments BQ3060PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Coloumb
Counter
HWOver
Current &
ShortCircuit
Protection
CellVoltageMux
& Translation
P-Channel
FETDrive
PreCharge
FETDrive
PowerMode
Control
SMBD
SRP
SRN
ZVCHG
DSG
CHG
VC4
VC3
VC2
VC1
SMBC
ExternalCell
BalancingDriver
Temperature
Measurement
DataFlash
Memory
SMB 1.1
CEDV
GasGauging
SHA-1
Authentication
Over- &
Under-
Voltage
Protection
Voltage
Measurement
Over
Current
Protection
Oscillator
Charging
Algorithm
FuseBlow &
Detection
Logic
Over
Temperature
Protection
FUSE
TS2
TS1
Watchdog
Regulator
REG27
BAT
PACK
VSS
RBI
System
Control
AFEHW
Control
Pack-
RSNS
5m
–20m
typ.
W
W
Pack+
SMBC
SMBD
bq3060
GND
VC4
VC3
VC2
VC1
VDD
OUT
CD
bq294xz
PRES
PRES
bq3060
SLUS928A – MARCH 2009 – REVISED NOVEMBER 2009
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
SYSTEM PARTITIONING DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VMAX
Supply voltage range
PACK w.r.t. Vss
–0.3 to 34
V
VC1, BAT
VVC2–0.3 to VVC2+8.5 or 34,
V
whichever is lower
VC2
VVC3–0.3 to VVC3+8.5
V
VC3
VVC4–0.3 to VVC4+8.5
V
VIN
Input voltage range
VC4
VSRP–0.3 to VSRP+8.5
V
SRP, SRN
–0.3 to VREG27
V
SMBD, SMBC
–0.3 to 6.0
V
TS1, TS2, /PRES
–0.3 to VREG27 + 0.3
V
CHG, DSG, ZVCHG, FUSE
–0.3 to BAT
V
VO
Output voltage range
RBI, REG27
–0.3 to 2.75
V
ISS
Maximum combined sink current for input pins
50
mA
TFUNC
Functional temperature
–40 to 110
°C
TSTG
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): bq3060


Similar Part No. - BQ3060PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3050 TI-BQ3050 Datasheet
735Kb / 28P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3050DBT TI-BQ3050DBT Datasheet
735Kb / 28P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3050DBTR TI-BQ3050DBTR Datasheet
735Kb / 28P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI-BQ3055 Datasheet
632Kb / 23P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI1-BQ3055 Datasheet
914Kb / 27P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results

Similar Description - BQ3060PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z655DBTR-R1 TI-BQ20Z655DBTR-R1 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION
BQ34Z651 TI1-BQ34Z651_15 Datasheet
888Kb / 29P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge
BQ20Z95 TI1-BQ20Z95_14 Datasheet
603Kb / 21P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE
BQ20Z75 TI1-BQ20Z75_14 Datasheet
721Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com