Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24079T Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # bq24079T
Description  1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24079T Datasheet(HTML) 11 Page - Texas Instruments

Back Button bq24079T Datasheet HTML 7Page - Texas Instruments bq24079T Datasheet HTML 8Page - Texas Instruments bq24079T Datasheet HTML 9Page - Texas Instruments bq24079T Datasheet HTML 10Page - Texas Instruments bq24079T Datasheet HTML 11Page - Texas Instruments bq24079T Datasheet HTML 12Page - Texas Instruments bq24079T Datasheet HTML 13Page - Texas Instruments bq24079T Datasheet HTML 14Page - Texas Instruments bq24079T Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
0
100
200
300
400
500
600
700
800
5
6
7
8
9
10
V -InputVoltage-V
I
RILIM
USB500
USB100
R=900
ISET
W
0.95
0.97
0.99
1.01
1.03
1.05
3
3.2
3.4
3.6
3.8
4
4.2
V
-BatteryVoltage-V
BAT
6.45
6.50
6.55
6.60
6.65
6.70
0
25
50
75
100
125
T -JunctionTemperature-°C
J
6.6V
V Rising
I
V Falling
I
R=3k
ISET
W
280
285
290
295
300
305
310
3
3.2
3.4
3.6
3.8
4
4.2
V
-BatteryVoltage-V
BAT
28.5
29
29.5
30
30.5
31
31.5
2
2.2
2.4
2.6
2.8
3
V
-BatteryVoltage-V
BAT
R=3k
ISET
W
95
96
97
98
99
100
101
102
103
104
105
2
2.2
2.4
2.6
2.8
3
V
-BatteryVoltage-V
BAT
R=900
ISET
W
bq24075T
bq24079T
www.ti.com
SLUS937 – DECEMBER 2009
TYPICAL CHARACTERISTICS (continued)
VIN = 6V, EN1 = 1, EN2 = 0, TA = 25°C, unless otherwise noted.
OVERVOLTAGE PROTECTION
THRESHOLD
INPUT CURRENT LIMIT
FASTCHARGE CURRENT
vs
vs
vs
TEMPERATURE
INPUT VOLTAGE
BATTERY VOLTAGE
Figure 16.
Figure 17.
Figure 18.
FASTCHARGE CURRENT
FASTCHARGE CURRENT
PRECHARGE CURRENT
vs
vs
vs
BATTERY VOLTAGE
BATTERY VOLTAGE
BATTERY VOLTAGE
Figure 19.
Figure 20.
Figure 21.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq24075T bq24079T


Similar Part No. - bq24079T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24079T TI-bq24079T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24079T TI-BQ24079T Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24079T TI-BQ24079T Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
bq24079TRGTR TI-bq24079TRGTR Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24079TRGTR TI-BQ24079TRGTR Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
More results

Similar Description - bq24079T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072T TI-BQ24072T_2 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072_10 Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24079 TI-BQ24079 Datasheet
2Mb / 39P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com