Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8412 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8412
Description  Dual Full Bridge PWM Motor Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8412 Datasheet(HTML) 3 Page - Texas Instruments

  DRV8412 Datasheet HTML 1Page - Texas Instruments DRV8412 Datasheet HTML 2Page - Texas Instruments DRV8412 Datasheet HTML 3Page - Texas Instruments DRV8412 Datasheet HTML 4Page - Texas Instruments DRV8412 Datasheet HTML 5Page - Texas Instruments DRV8412 Datasheet HTML 6Page - Texas Instruments DRV8412 Datasheet HTML 7Page - Texas Instruments DRV8412 Datasheet HTML 8Page - Texas Instruments DRV8412 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
DRV8412
DRV8422
DRV8432
www.ti.com
SLES242A – DECEMBER 2009 – REVISED DECEMBER 2009
PACKAGE HEAT DISSIPATION RATINGS
PARAMETER
DRV8412
DRV8422
DRV8432
RθJC, junction-to-case (power pad / heat
1.1 °C/W
1.1 °C/W
0.9 °C/W
slug) thermal resistance
This device is not intended to
This device is not intended to
be used without a heatsink.
be used without a heatsink.
RθJA, junction-to-ambient thermal
25 °C/W
Therefore, RθJA is not
Therefore, RθJA is not
resistance
specified. See the Thermal
specified. See the Thermal
Information section.
Information section.
Exposed power pad / heat slug area
34 mm2
34 mm2
80 mm2
PACKAGE POWER DERATINGS (DRV8412)
(1)
DERATING
TA = 25°C POWER
PACKAGE
FACTOR ABOVE
TA = 70°C POWER RATING
TA = 85°C POWER RATING
RATING
TA = 25°C
44-PIN TSSOP (DDW)
5.0 W
40.0 mW/°C
3.2 W
2.6 W
(1)
Based on EVM board layout
MODE SELECTION PINS
MODE PINS
OUTPUT
DESCRIPTION
CONFIGURATION
M3
M2
M1
Dual full bridges (two PWM inputs each full bridge) or four half bridges with
0
0
0
2 FB or 4 HB
cycle-by-cycle current limit
Dual full bridges (two PWM inputs each full bridge) or four half bridges with
0
0
1
2 FB or 4 HB
OC latching shutdown (no cycle-by-cycle current limit)
0
1
0
1 PFB
Parallel full bridge with cycle-by-cycle current limit
Dual full bridges (one PWM input each full bridge with complementary PWM
0
1
1
2 FB
on second half bridge) with cycle-by-cycle current limit
1
x
x
Reserved
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DRV8412 DRV8422 DRV8432


Similar Part No. - DRV8412

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8412 TI-DRV8412 Datasheet
1Mb / 32P
[Old version datasheet]   Dual Full Bridge PWM Motor Driver
DRV8412 TI1-DRV8412 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Full Bridge PWM Motor Driver
DRV8412DDW TI-DRV8412DDW Datasheet
1Mb / 32P
[Old version datasheet]   Dual Full Bridge PWM Motor Driver
DRV8412DDWR TI-DRV8412DDWR Datasheet
1Mb / 32P
[Old version datasheet]   Dual Full Bridge PWM Motor Driver
DRV8412 TI-DRV8412_10 Datasheet
1Mb / 32P
[Old version datasheet]   Dual Full Bridge PWM Motor Driver
More results

Similar Description - DRV8412

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com