Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8422DDV Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV8422DDV
Description  Dual Full Bridge PWM Motor Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8422DDV Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8422DDV Datasheet HTML 4Page - Texas Instruments DRV8422DDV Datasheet HTML 5Page - Texas Instruments DRV8422DDV Datasheet HTML 6Page - Texas Instruments DRV8422DDV Datasheet HTML 7Page - Texas Instruments DRV8422DDV Datasheet HTML 8Page - Texas Instruments DRV8422DDV Datasheet HTML 9Page - Texas Instruments DRV8422DDV Datasheet HTML 10Page - Texas Instruments DRV8422DDV Datasheet HTML 11Page - Texas Instruments DRV8422DDV Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1.10
0.96
1.00
0.98
1.02
1.04
GVDD – Gate Drive – V
11.0
10.0
8.0
10.5
9.5
8.5
9.0
11.5
1.06
1.08
12
T = 25°C
J
0
100
40
50
60
70
80
90
f – Switching Frequency – kHz
0
100 150 200 250 300 350 400 450 500
50
10
20
30
Load = 5 A
PVDD = 50 V
T = 75°C
Full Bridge
C
1.6
0.4
0.6
0.8
1.0
T – Junction Temperature – C
J
o
80
40
120
–40
60
20
–20
0
100
1.2
1.4
140
GVDD = 12 V
–1
5
0
1
2
3
V – Voltage – V
1.2
0.8
0
1
0.6
0.2
0.4
4
6
T = 25°C
J
DRV8412
DRV8422
DRV8432
SLES242A – DECEMBER 2009 – REVISED DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS
EFFICIENCY
NORMALIZED RDS(on)
vs
vs
SWITCHING FREQUENCY (DRV8432)
GATE DRIVE
Figure 1.
Figure 2.
NORMALIZED RDS(on)
vs
DRAIN TO SOURCE DIODE FORWARD
JUNCTION TEMPERATURE
ON CHARACTERISTICS
Figure 3.
Figure 4.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DRV8412 DRV8422 DRV8432


Similar Part No. - DRV8422DDV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8424 TI1-DRV8424 Datasheet
2Mb / 51P
[Old version datasheet]   DRV8424/25 Stepper Drivers With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
DRV8424E TI1-DRV8424E Datasheet
2Mb / 43P
[Old version datasheet]   DRV8424E/P, DRV8425E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
DRV8424EPWPR TI1-DRV8424EPWPR Datasheet
2Mb / 43P
[Old version datasheet]   DRV8424E/P, DRV8425E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
DRV8424ERGER TI1-DRV8424ERGER Datasheet
2Mb / 43P
[Old version datasheet]   DRV8424E/P, DRV8425E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
DRV8424P TI1-DRV8424P Datasheet
2Mb / 43P
[Old version datasheet]   DRV8424E/P, DRV8425E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
More results

Similar Description - DRV8422DDV

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com